Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47LLC-S2A0YR-R

  • AI
    The part number **47LLC-S2A0YR-R** refers to a high-performance **Multi-Layer Ceramic Capacitor (MLCC)**, typically manufactured by companies like Walsin or similar electronic component vendors. These are surface-mount devices (SMD) designed for high-frequency and high-reliability applications. --- ### ## Technical Specifications Below is a breakdown of the typical technical parameters associated with this component series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Multi-Layer Ceramic Capacitor (MLCC) | | **Capacitance Value** | Varies (often indicated by the "47" prefix as 4.7pF or 47pF depending on code) | | **Voltage Rating** | Low to Medium Voltage (e.g., 25V, 50V, or 100V) | | **Dielectric Material** | Low Loss / High Q (Typically NPO/C0G) | | **Package Size** | SMD (Commonly 0402 or 0603 imperial) | | **Tolerance** | ±0.1pF or ±0.25pF (indicated by letter codes) | | **Mounting Type** | Surface Mount (SMT) | | **Termination** | Lead-free (RoHS Compliant) | --- ### ### Key Features 1. **Low ESR/ESL:** Designed to have extremely low Equivalent Series Resistance and Low Inductance, making it ideal for high-speed signal paths. 2. **High-Q Factor:** These capacitors are optimized for RF (Radio Frequency) applications where signal loss must be minimized. 3. **Temperature Stability:** Using C0G/NPO dielectrics ensures that the capacitance remains stable across a wide temperature range (-55°C to +125°C). 4. **Miniaturization:** The small footprint allows for high-density PCB layouts common in modern smartphones and IoT devices. --- ### ### Common Applications * **RF Matching Networks:** Used in impedance matching for antennas and power amplifiers. * **Filtering:** High-frequency noise suppression in telecommunication equipment. * **Decoupling:** Providing stable voltage references in high-speed digital circuits. * **Wireless Communication:** Essential in Wi-Fi, Bluetooth, and 5G infrastructure modules. --- ### ### Typical Internal Structure To understand how this part functions, consider the internal layering: ```text [ Termination ] <--- [ Ceramic Dielectric ] ---> [ Termination ] | | (Stacked) | +-------------------[ Internal Electrodes ]----+ ``` The layers of conductive electrodes are separated by ceramic dielectric material to store electrical energy. The "R" at the end of the part number usually indicates **Tape & Reel** packaging for automated pick-and-place assembly.
    ✨ Follow-up Questions
    • ⤷What is the exact capacitance value represented by the '47' in this code?
    • ⤷ Can you provide the physical dimensions for the S2 package size?
    • ⤷ How does a C0G dielectric compare to X7R for RF applications?