Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47LLC-S4A0YR-R

  • AI
    ## Technical Overview: 47LLC-S4A0YR-R The part number **47LLC-S4A0YR-R** typically refers to a specialized **LAN Transformer (Magnetic Module)**, often associated with manufacturers like **Pulse Electronics** or similar high-performance magnetic component suppliers. These components are critical for Ethernet communication interfaces. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electrical and physical characteristics: | Property | Specification Details | | :--- | :--- | | **Component Type** | Ethernet Magnetics / LAN Transformer | | **Configuration** | Single Port (1x1) | | **Speed Support** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Isolation Voltage** | 1500 Vrms (Minimum) | | **Turns Ratio** | 1:1 (Typical for Transmitter and Receiver) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Functional Roles in a Circuit The 47LLC series performs four essential tasks in a networking PCB design: 1. **Galvanic Isolation:** Protects the sensitive Ethernet PHY (Physical Layer) chip from external voltage surges and DC offsets present on the network cable. 2. **Impedance Matching:** Ensures the differential signal maintains 100-ohm impedance between the cable and the transceiver. 3. **EMI Suppression:** Integrated common-mode chokes filter out high-frequency electromagnetic interference. 4. **Signal Integrity:** Maintains the shape of the differential pulses to ensure low bit-error rates over long cable lengths (up to 100m). --- ### 3. Application Examples This component is commonly found in the following hardware: * **Industrial PCs:** High-reliability networking ports. * **Network Switches/Routers:** Providing the interface for RJ45 connectors. * **Embedded Systems:** IoT gateways and single-board computers (SBCs). * **Set-top Boxes:** For wired internet connectivity. --- ### 4. Schematic Block Representation In a circuit diagram, the part is represented as a bridge between the **PHY Chip** and the **RJ45 Connector**: ```text [ PHY Chip ] <---> [ 47LLC-S4A0YR-R ] <---> [ RJ45 Connector ] | | | (Digital/Analog) (Magnetics/Isolation) (External Cable) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the footprint dimensions for the 47LLC-S4A0YR-R?
    • ⤷ Does this part include integrated LEDs or is it a discrete transformer?
    • ⤷ What is the operating temperature range for this specific LAN module?