Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47LM-142W-R

  • AI
    The **47LM-142W-R** is a specific model of an **AC Axial Fan**, typically manufactured by companies like **NMB-MAT (MinebeaMitsumi)**. These fans are industrial-grade components designed for high-performance cooling in server racks, power supplies, and control cabinets. --- ### 1. Technical Specifications The model number contains encoded information regarding its size, voltage, and bearing type. | Feature | Specification | |:--- |:--- | | **Input Voltage** | 115V AC (typically 50/60Hz) | | **Dimensions** | 119mm x 119mm x 38mm (Standard 4.7-inch square) | | **Airflow** | High Volume (approx. 100-110 CFM) | | **Bearing Type** | Dual Ball Bearing (indicated by "B" or "L" series context) | | **Housing Material** | Aluminum Die-Cast | | **Impeller Material** | Plastic (UL94V-0 reinforced) | | **Termination** | Lead Wires (R-series often denotes specific lead configurations) | --- ### 2. Key Electronic Components Internally, this fan is more than just a motor; it contains several critical electronic sub-parts: * **Shaded Pole or Capacitor-Run Motor:** Unlike DC fans that use PCB controllers, this AC fan uses a rugged induction motor. * **Thermal Protector:** Most "R" suffix models include impedance protection or a thermal cutoff to prevent the coils from catching fire if the rotor is locked (stalled). * **Dual Ball Bearing System:** These are precision-engineered steel bearings that allow the fan to operate at high speeds (3000+ RPM) for upwards of 50,000 hours. * **Stator Windings:** High-quality copper windings vacuum-impregnated with varnish to resist moisture and vibration. --- ### 3. Application Use-Cases Because of its robust construction, the 47LM-142W-R is commonly found in: 1. **Network Enclosures:** Cooling high-heat switches and routers. 2. **Industrial Machinery:** Providing airflow to CNC controllers or laser cutters. 3. **Medical Equipment:** Cooling large imaging or laboratory diagnostic machines. --- ### 4. Wiring Diagram (General) The connection for this AC unit is straightforward as it does not require a DC driver. ```markdown [Black Wire] --------> AC Line (Hot) [Black Wire] --------> AC Neutral [Green/Yellow] ------> Chassis Ground (if applicable) ``` *Note: Since it is an AC induction motor, the two main black wires are usually non-polarized.*
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 47LM and 4715MS series?
    • ⤷ How do I calculate the power consumption in Watts for this fan?
    • ⤷ Can this fan be controlled using a PWM signal?