Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47LPQ-40YR-R

  • AI
    The **47LPQ-40YR-R** is a specific surface-mount inductivity component, typically part of a series of high-performance power inductors. These are commonly used in power management circuits to manage current flow and store energy in a magnetic field. --- ### 1. Component Specification Overview While specific data can vary slightly by manufacturer (often associated with brands like **Coiltronics/Eaton** or similar high-power inductor specialists), the alphanumeric code generally breaks down as follows: | Feature | Description | | :--- | :--- | | **Series** | **47LPQ** - Indicates the low-profile, high-current series. | | **Inductance Value** | **40** - Typically represents the nominal inductance (often 0.40µH or 4.0µH depending on the specific scaling). | | **Tolerance** | **Y** - Usually indicates a ±20% tolerance. | | **Packaging** | **R** - Indicates Tape & Reel packaging for automated assembly. | | **Compliance** | **-R** - Denotes RoHS compliance (lead-free). | --- ### 2. Technical Characteristics These parts are engineered for high-efficiency power conversion. Key attributes usually include: * **Low Profile (LP):** Designed for compact electronics where vertical space is limited. * **High Saturation Current:** They can handle high peak currents without the magnetic core "saturating," which would otherwise cause a loss of inductance. * **Low DCR (DC Resistance):** Minimized internal resistance to reduce heat generation and improve energy efficiency. * **Magnetically Shielded:** Often features construction that minimizes Electromagnetic Interference (EMI) to surrounding components. --- ### 3. Common Applications The 47LPQ series is typically found in the following environments: 1. **DC-DC Converters:** Used in "Buck" or "Boost" regulators to step voltage up or down. 2. **Voltage Regulator Modules (VRMs):** Found on computer motherboards and server cards to power CPUs and GPUs. 3. **Telecom Equipment:** Integrated into base stations and networking hardware. 4. **Battery Powered Devices:** Used in portable electronics where high efficiency is critical for battery life. --- ### 4. Typical Footprint These components are Surface Mount Devices (SMD). Below is a representation of how they are integrated into a PCB layout: ```cpp // Typical PCB Layout Consideration - Pad Size: Must match the high-current terminals to prevent overheating. - Thermal Vias: Often placed near the component to sink heat into the internal PCB layers. - Proximity: Placed as close as possible to the switching IC to minimize trace inductance. ```
    ✨ Follow-up Questions
    • ⤷What is the exact saturation current rating for the 47LPQ-40YR-R?
    • ⤷ Can this inductor be substituted with a 47LPQ-40YR (non-R) version?
    • ⤷ What are the physical dimensions of the LPQ series housing?