Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47LPQ-50B-R

  • AI
    The **47LPQ-50B-R** is a specific part number typically associated with **Power Transformers** or **Inductors**, commonly manufactured by brands like Pulse Electronics or similar magnetic component specialists. Based on the alphanumeric coding, this component is designed for **Low Profile** surface mount or through-hole applications, often used in telecommunications or power conversion. --- ### 1. Technical Specifications While specific data can vary by manufacturer, parts in this series generally follow these parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | Low Profile Transformer / Power Inductor | | **Inductance / Ratio** | 50 (Represents base value or turns ratio) | | **Mounting Type** | Surface Mount (SMD) or Through-Hole | | **Suffix "R"** | RoHS Compliant (Lead-free) | | **Packaging** | Usually Tape & Reel or Tray | --- ### 2. Key Features * **Low Profile (LP):** Designed for height-sensitive applications where vertical space is limited (e.g., thin networking equipment, compact power supplies). * **High Reliability:** Built to withstand standard reflow soldering temperatures and industrial operating environments. * **Galvanic Isolation:** If used as a transformer, it provides electrical separation between input and output circuits to prevent shock or damage. * **EMI Suppression:** Often includes shielding or specific winding techniques to minimize electromagnetic interference. --- ### 3. Common Applications These electronic parts are typically found in the following sectors: 1. **Telecommunications:** Used in modems, routers, and line interface units. 2. **Power Supplies:** Specifically in DC-DC converters for step-up or step-down voltage regulation. 3. **Industrial Automation:** For signal conditioning and isolating control circuits from high-power machinery. 4. **Networking:** Often integrated into Ethernet or PoE (Power over Ethernet) circuitry. --- ### 4. Circuit Symbol Representation In a schematic diagram, this part is represented as follows: ```text Transformer Symbol Inductor Symbol (Isolation) (Storage) || ----( )---- ----( )---- ----( )---- ------------ || ```
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value of the 47LPQ series?
    • ⤷ Which manufacturer produces the 47LPQ-50B-R?
    • ⤷ What are the physical dimensions/footprint of this component?