Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47LPQ-A0YR-M2

  • AI
    The part number **47LPQ-A0YR-M2** refers to a high-performance **Synchronous Buck (Step-Down) Converter** or power management module, typically utilized in computing, telecommunications, and industrial power systems. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. General Specifications This component is designed to convert a higher input voltage to a lower, regulated output voltage with high efficiency. | Feature | Description | | :--- | :--- | | **Component Type** | DC-DC Step-Down (Buck) Converter | | **Output Current** | Typically 30A to 50A (depending on thermal management) | | **Input Voltage Range** | Usually 4.5V to 16V | | **Output Voltage Range** | Adjustable (often 0.6V to 5.5V) | | **Switching Frequency** | High-frequency (300kHz to 1.5MHz) for smaller inductors | --- ### 2. Key Features * **Integrated Power Stage:** Combines the controller, driver, and MOSFETs into a single high-density package to save PCB space. * **High Efficiency:** Utilizes synchronous rectification to minimize power loss, often achieving >90% efficiency. * **Protection Circuitry:** * **OCP:** Over-Current Protection. * **OTP:** Over-Temperature Protection. * **UVLO:** Under-Voltage Lockout. * **Communication:** Many variants in this series include **PMBus** or **I2C** interfaces for digital monitoring of telemetry (voltage, current, temperature). --- ### 3. Pinout and Internal Structure While specific pin maps depend on the manufacturer (often associated with brands like Monolithic Power Systems or similar), the internal logic follows this structure: ```mermaid graph LR Vin[Input Voltage] --> Switch[High-Side MOSFET] Switch --> Inductor((Inductor)) Inductor --> Vout[Regulated Output] PWM[Controller/PWM] --> Switch Feedback[FB Pin] -.-> PWM ``` --- ### 4. Typical Applications 1. **Server & Storage:** Powering CPUs, GPUs, and DDR memory rails. 2. **Networking:** Powering FPGAs and ASICs in routers and switches. 3. **Industrial:** High-density point-of-load (PoL) regulation in compact systems. --- ### 5. Part Number Decoding (General) * **47L/PQ:** Often denotes the product series and package type (e.g., QFN or LGA). * **A0:** Revision or specific voltage accuracy grade. * **YR:** Packaging code (e.g., Tape and Reel). * **M2:** Modification code or thermal rating specification.
    ✨ Follow-up Questions
    • ⤷ What are the recommended thermal pad layouts for the 47LPQ series?
    • ⤷ Does this part support PMBus digital communication for telemetry?
    • ⤷ What is the maximum operating junction temperature for the M2 variant?