Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47LPQ-A1R-R

  • AI
    ### Overview of the 47LPQ-A1R-R The **47LPQ-A1R-R** is a specific electronic component belonging to the **Grayhill 47L Series**. It is categorized as a **Sealed Miniature Linear Patch Switch** (often used as a joystick or navigational input). This part is designed for applications requiring high reliability in a compact footprint. --- ### Key Specifications | Feature | Details | | :--- | :--- | | **Manufacturer** | Grayhill Inc. | | **Series** | 47L (Sealed Miniature Linear) | | **Switch Type** | Hall Effect (Non-contacting) | | **Actuator Type** | Joystick / Thumbstick | | **Output Type** | Analog (Ratiometric) | | **Operating Force** | 1.47 N (approx. 150g) | | **Mounting Type** | Through-hole | | **Environmental Protection** | IP67 (Sealed) | --- ### Technical Breakdown #### 1. Sensing Technology The part utilizes **Hall Effect technology**. Unlike mechanical potentiometers that rely on physical contact (which wears down over time), Hall Effect sensors measure the position of a magnet relative to a sensor. This provides: * **High Durability:** Rated for millions of cycles. * **Precision:** Smooth, ratiometric voltage output. #### 2. Mechanical Design * **Linear/Patch Style:** The "LPQ" designation typically refers to the physical profile and the linear output response of the stick. * **Sealing:** The unit is ruggedized and sealed to **IP67 standards**, meaning it is dust-tight and can withstand immersion in water up to 1 meter. #### 3. Electrical Characteristics * **Supply Voltage:** Usually operates on a standard **5.0V DC** supply. * **Ratiometric Output:** The output signal is proportional to the input voltage. For example, if the stick is centered, the output is typically 50% of $V_{cc}$ (2.5V). --- ### Applications Due to its small size and environmental sealing, the 47LPQ-A1R-R is commonly found in: 1. **Industrial Controls:** Handheld pendants and remote control boxes. 2. **Medical Equipment:** Precision control for surgical tools or diagnostic interfaces. 3. **Marine/Outdoor Electronics:** GPS units or navigation consoles exposed to moisture. 4. **Gaming/Simulators:** Specialized controllers requiring high-cycle life. --- ### Pin Configuration (Typical) *While you should always consult the official datasheet for your specific PCB layout, the standard pinout for this series includes:* * **Pin 1:** $V_{cc}$ (Input Power) * **Pin 2:** X-Axis Output * **Pin 3:** Y-Axis Output (if dual-axis) * **Pin 4:** Ground (GND)
    ✨ Follow-up Questions
    • ⤷ What is the exact lifespan in cycles for the 47L series switches?
    • ⤷ How does the Hall Effect output differ from a standard resistive potentiometer in terms of signal noise?
    • ⤷ Can you provide the mounting footprint dimensions for this specific model?