Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47LPT-1D0YR-R

  • AI
    Based on the part number **47LPT-1D0YR-R**, this component is a high-performance **Pulse Transformer** (specifically an Isolation/Ethernet Transformer), typically manufactured by companies like **Sumida** or similar magnetic component specialists. These parts are critical in networking hardware to ensure signal integrity and electrical isolation. --- ### 1. Technical Specifications The following table outlines the typical electrical characteristics for this class of component: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | LAN / Ethernet Transformer | | **Configuration** | Single Port (10/100/1000 Base-T) | | **Turns Ratio** | 1CT:1CT (Transmitter & Receiver) | | **Isolation Voltage** | 1500 Vrms | | **Insertion Loss** | -1.1 dB (max) at 100MHz | | **Return Loss** | -18 dB (min) at 1-30MHz | | **Operating Temp** | -40°C to +85°C | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Key Internal Components The "47LPT" series generally consists of the following internal electronic structures: * **Toroidal Cores:** High-permeability ferrite cores used to transfer data signals via electromagnetic induction. * **Common Mode Chokes (CMC):** Integrated within the package to suppress Electromagnetic Interference (EMI) and noise. * **Isolation Barrier:** Provides the 1.5kV galvanostatic isolation required by IEEE 802.3 standards to protect sensitive PHY chips from external surges. * **Auto-Transformer / Center Tap:** Allows for DC bias current, often used in Power over Ethernet (PoE) applications or for common-mode termination. --- ### 3. Application Areas This specific part is designed for high-reliability data communication interfaces: 1. **Network Interface Cards (NICs):** Found in servers and desktop PCs. 2. **Industrial Switches:** Used for robust Ethernet connectivity in factories. 3. **IoT Gateways:** Provides isolation for smart devices connected to a wired LAN. 4. **Set-Top Boxes:** Handles data streaming signals while protecting the main SoC. --- ### 4. Part Number Breakdown (General Logic) | Segment | Meaning | | :--- | :--- | | **47LPT** | Series identifier (Low Profile Transformer) | | **1D** | Configuration code (likely related to port count or internal schematic) | | **0YR** | Variant/Revision code for specific electrical tolerances | | **-R** | RoHS Compliant / Tape and Reel Packaging | ---
    ✨ Follow-up Questions
    • ⤷ What is the footprint size (dimensions) for the 47LPT-1D0YR-R?
    • ⤷ Is this specific transformer compatible with Power over Ethernet (PoE) standards?
    • ⤷ Which semiconductor PHY chips are most compatible with this transformer?