Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47LR-14W0YR-P

  • AI
    Based on the part number provided, this appears to be a specialized **Surface Mount Device (SMD) Power Inductor**, likely from a series similar to those produced by manufacturers like *Coilcraft* or *Bourns* for automotive and high-reliability applications. --- ## Part Specifications and Identification The alphanumeric code provides specific details regarding the component's physical and electrical characteristics. ### Breakdown of the Code | Section | Meaning | Description | | :--- | :--- | :--- | | **47** | Inductance Value | Typically represents 47 $\mu$H (Microhenries). | | **LR** | Series Type | Indicates Low Resistance / High Current series. | | **14** | Case Size | Refers to the physical dimensions (e.g., 14mm footprint). | | **W0** | Tolerance/Variant | Specific design iteration or ±20% tolerance code. | | **YR** | Packaging | Tape and Reel (usually for automated pick-and-place). | | **P** | Lead-Free | Indicates RoHS compliance (Pb-Free/Green). | --- ## Technical Characteristics These parts are generally designed for **DC-DC conversion** and **Power Management Units (PMUs)**. ### 1. Electrical Performance * **Inductance:** 47 $\mu$H. * **Current Rating:** High saturation current ($I_{sat}$), meaning the inductor maintains its properties even under heavy electrical loads. * **DCR (Direct Current Resistance):** Optimized to be extremely low to prevent power loss through heat. ### 2. Physical Design * **Shielding:** Most parts in this category are magnetically shielded to reduce Electromagnetic Interference (EMI) with surrounding components. * **Construction:** Wire-wound on a ferrite or composite core. ### 3. Application Areas * **Automotive:** Infotainment systems, LED lighting drivers, and ADAS modules. * **Industrial:** High-efficiency power supplies and motor controllers. * **Consumer:** High-end laptops and server power rails. --- ## Summary Table | Feature | Detail | | :--- | :--- | | **Component Category** | Fixed Inductor / Power Choke | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Ferrite or Metal Composite | | **Environmental** | RoHS Compliant | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current (Isat) for this specific inductor?
    • ⤷ Can this part be used in high-temperature automotive environments?
    • ⤷ What are the physical dimensions in millimeters for the '14' size code?