Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47LT-150YR-R

  • AI
    The part number **47LT-150YR-R** typically refers to a **Gas Discharge Tube (GDT)**, which is a specialized surge protection device used to safeguard sensitive electronic equipment from voltage transients (such as lightning strikes or industrial power surges). --- ### 1. Technical Specifications Below is a breakdown of the typical technical parameters associated with this specific component: | Parameter | Specification | Description | | :--- | :--- | :--- | | **DC Spark-over Voltage** | 150V (±20%) | The voltage at which the device begins to conduct. | | **Impulse Discharge Current** | 5kA - 10kA | Maximum surge current the device can handle (8/20μs). | | **Insulation Resistance** | >1 GΩ | Resistance when the device is in its non-conducting state. | | **Capacitance** | <1.0 pF | Extremely low, making it suitable for high-speed data lines. | | **Termination Style** | Radial Lead | "YR" often indicates lead configuration (e.g., bent or vertical). | | **RoHS Status** | Compliant | The "-R" suffix usually indicates RoHS compliance. | --- ### 2. Physical Construction A GDT like the 47LT-150YR-R consists of two or more electrodes enclosed in a ceramic or glass envelope filled with an inert gas. * **The "47" Prefix:** Often denotes the manufacturer series (e.g., Littelfuse or specialized Chinese manufacturers like Ruilong源). * **The "150" Value:** Represents the 150V breakdown threshold. * **The Body:** Usually a small cylindrical ceramic tube with metal end-caps. --- ### 3. How it Works 1. **Normal State:** Under normal operating voltages, the gas inside the tube acts as an insulator. The device has very high resistance and very low capacitance, meaning it does not interfere with the signal. 2. **Surge Event:** When a high-voltage spike (exceeding 150V) hits the line, the gas ionizes and becomes a conductor (a state called "arc mode"). 3. **Protection:** The GDT diverts the excess current to the ground, "clamping" the voltage to a safe level for the rest of the circuit. 4. **Recovery:** Once the surge passes and the voltage drops below the "holdover" level, the gas de-ionizes and returns to its insulating state. --- ### 4. Common Applications Due to its low capacitance, this part is ideal for high-frequency or high-speed communication lines: * **Telecommunications:** Protection for ADSL/VDSL lines and telephone exchanges. * **Networking:** Ethernet ports and wireless base stations. * **Power Supplies:** Secondary protection against power line transients. * **Industrial:** Signal interfaces and sensor protection. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a GDT and a MOV for surge protection?
    • ⤷ How do I test a 47LT-150YR-R to see if it is still functional?
    • ⤷ Can this component be used in high-speed data circuits like USB 3.0?