Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47LT-151YR-R

  • AI
    The **47LT-151YR-R** is a specific type of **Gas Discharge Tube (GDT)**, which is a protection component used to suppress high-voltage transients (surges). These devices are commonly found in telecommunications and industrial equipment to protect sensitive circuits from lightning strikes or power surges. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary technical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Gas Discharge Tube (GDT) | A gas-filled spark gap device. | | **DC Spark-over Voltage** | 150V (±20%) | The voltage at which the device begins to conduct. | | **Configuration** | 3-Electrode | Provides protection for two lines with a common ground. | | **Impulse Discharge Current** | ~10kA - 20kA | The maximum surge current the device can handle (8/20µs wave). | | **Mounting Type** | Through-Hole (Radial Leads) | The "R" suffix often denotes radial leaded packaging. | | **Insulation Resistance** | > 1 GΩ | High resistance during normal operation to prevent signal loss. | --- ### 2. Physical Construction and Working Principle The 47LT-151YR-R consists of a ceramic chamber filled with a specific noble gas mixture. * **Normal State:** The gas acts as an insulator. The device has extremely low capacitance (usually < 1.5pF), making it invisible to high-speed data signals. * **Surge State:** When a high-voltage spike occurs, the gas ionizes (sparks over), turning the tube into a virtual short circuit. * **Protection:** The surge energy is shunted to the ground, protecting downstream components. Once the voltage drops, the gas de-ionizes and returns to an insulating state. --- ### 3. Application Use Cases Because of its 3-electrode design and specific voltage rating, it is primarily used in: 1. **Telecommunications:** Protecting ADSL, VDSL, and Ethernet lines where low capacitance is required to prevent signal distortion. 2. **Industrial Control:** Protecting RS-485 or CAN bus interfaces from inductive switching transients. 3. **Power Supplies:** Used as a primary surge protector in AC/DC converters before the MOV (Metal Oxide Varistor) stage. --- ### 4. Part Number Breakdown (Typical) * **47L:** Series identifier (often associated with high-current, high-reliability GDTs). * **151:** Voltage code (150V). * **Y:** Tolerance/Series variation. * **R:** Radial leaded or RoHS compliant packaging. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 2-electrode and 3-electrode GDT?
    • ⤷ How does the capacitance of a GDT compare to a TVS diode?
    • ⤷ What are the common failure modes of Gas Discharge Tubes?