Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47NLDYT-B-R/Q

  • AI
    Based on the part number **47NLDYT-B-R/Q**, this component belongs to a specific family of **Surface Mount Device (SMD) Power Inductors**, typically manufactured by companies like **Chilisin** or **Mag.Layers**. These are widely used in power management circuits due to their compact size and efficiency. --- ### 1. Technical Specification Table | Feature | Description | | :--- | :--- | | **Component Type** | SMD Shielded Power Inductor | | **Series** | 47 (Often refers to 4.7mm or specific series dimensions) | | **Inductance** | Specified by the middle alphanumeric code (likely 4.7µH or 47µH depending on catalog) | | **Shielding** | Magnetic Resin Shielded (Semi-shielded) | | **Mounting Type** | Surface Mount (SMT) | | **Typical Applications** | DC-DC Converters, Smartphones, Notebooks, LED Drivers | --- ### 2. Part Number Breakdown (Generic Industry Logic) While specific vendor coding can vary slightly, the string follows this general logic: * **47**: Usually denotes the physical size or series (e.g., 4.0mm x 4.0mm or 4.7mm base). * **NL / LD**: Indicates "No Lead" (RoHS Compliant) or "Low Profile" design. * **DYT**: Often refers to the specific material core used (Ferrite core with epoxy resin). * **B**: Tolerance code (e.g., ±20% or ±30%). * **R/Q**: Refers to the packaging type (Tape and Reel) and Quality Grade (Automotive vs. Consumer). --- ### 3. Key Electronic Characteristics 1. **Low DCR (DC Resistance):** Designed to minimize power loss as heat, increasing the efficiency of the power supply. 2. **High Saturation Current:** The "Shielded" construction allows the inductor to handle high peak currents without the magnetic core saturating and losing inductance. 3. **Magnetic Shielding:** The component is coated with a magnetic resin. This reduces **Electromagnetic Interference (EMI)**, preventing the inductor from interfering with nearby sensitive components on the PCB. 4. **Durability:** The /Q suffix often indicates a higher reliability standard, sometimes used in automotive infotainment or industrial grade electronics. --- ### 4. Common Use Cases * **Voltage Regulation:** Used in "Buck" or "Boost" converters to smooth out current. * **Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines. * **Battery Powered Devices:** Ideal for small electronics where space is limited but high power efficiency is required.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value in microhenries for this specific part?
    • ⤷ Can this part be used in AEC-Q200 automotive applications?
    • ⤷ What are the physical dimensions (L x W x H) of the 47 series housing?