Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47NLDYT-YR-R

  • AI
    The part number **47NLDYT-YR-R** appears to be a specialized manufacturer-specific code, commonly associated with **Electrolux/Frigidaire** appliances (specifically for microwave or oven control boards and interface modules). Below is a breakdown of the electronic characteristics and functions typically associated with this part series. --- ### 1. General Specifications This component is generally categorized as a **Main Control Board** or **User Interface (UI) Module**. It manages the logic, timing, and power distribution for household appliances. | Feature | Description | | :--- | :--- | | **Component Type** | Printed Circuit Board Assembly (PCBA) | | **Input Voltage** | 120V AC / 60Hz (Standard US) | | **Control Logic** | Microcontroller-based | | **Common Application** | Microwave Ovens / Range Hoods | | **Mounting** | Snap-fit or Screw-mount onto the chassis | --- ### 2. Key Electronic Components A board with this designation typically contains the following subsystems: * **Microprocessor Unit (MCU):** The "brain" that stores the firmware and processes inputs from the buttons/sensors. * **Relay Switches:** High-current mechanical switches that turn the magnetron, cooling fan, or cavity lights on and off. * **Capacitive Touch or Tactile Interface:** Circuitry designed to register user input from the front panel. * **Step-Down Transformer/Switching Power Supply:** Converts 120V AC into low-voltage DC (5V or 12V) to power the logic chips. * **Buzzer/Audio Transducer:** Provides audible feedback for "End of Cycle" or button presses. --- ### 3. Common Failure Modes Electronic boards like the 47NLDYT-YR-R are susceptible to specific environmental stresses: 1. **Solder Joint Fatigue:** Vibration from the microwave fan can cause tiny cracks in the solder joints over time. 2. **Relay Pitting:** Constant switching of high-power loads can cause the internal contacts of the relays to weld shut or carbonize. 3. **Capacitor Degradation:** Electrolytic capacitors may dry out due to the high heat inside the appliance cabinet, leading to "dead" displays or intermittent resetting. --- ### 4. Safety Warning > [!CAUTION] > **High Voltage Hazard:** Even when unplugged, microwave components (specifically the high-voltage capacitor connected to the control board circuit) can hold a lethal charge. Always discharge the capacitor and disconnect power before inspecting the electronic control board. ---
    ✨ Follow-up Questions
    • ⤷ Is there a specific error code appearing on the display associated with this part?
    • ⤷ Are you looking for a pinout diagram for the wiring harness?
    • ⤷ Do you need a list of compatible appliance model numbers for this board?