Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48AV-2CHB-R

  • AI
    The **48AV-2CHB-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) High-Frequency RF Balun Transformer** or a specialized directional coupler, often manufactured by companies like **Murata** or **TDK** for telecommunication infrastructure. --- ### 1. Component Overview This part is designed to handle signal conversion and impedance matching in high-speed data circuits. | Feature | Specification (General Range) | | :--- | :--- | | **Component Type** | Balun Transformer / RF Coupler | | **Configuration** | 2-Channel / Hybrid | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Frequency Range** | Typically Broadband (5 MHz – 1000 MHz+) | | **Common Application** | CATV, Cable Modems, Set-top Boxes | --- ### 2. Key Electronic Characteristics #### A. Balun Functionality (Balanced to Unbalanced) The primary role of this part is to convert signals between **balanced** lines (two conductors carrying signals 180° out of phase) and **unbalanced** lines (one signal conductor and a ground). This is critical for: * Reducing Electromagnetic Interference (EMI). * Connecting differential IC outputs to coaxial cables. #### B. Impedance Matching Most "48AV" series components are designed to match a **75 Ohm** system (standard for Video/CATV) or a **50 Ohm** system (standard for RF/Antennas). This ensures maximum power transfer and prevents signal reflections. #### C. Two-Channel Design (2CH) As indicated by the "2CH" in the part number, this unit contains two integrated circuits or channels within a single physical housing. This saves PCB real estate and ensures thermal and electrical symmetry between two signal paths. --- ### 3. Physical Construction * **Core Material:** Usually a Ferrite core to allow for high permeability and low loss at high frequencies. * **Termination:** Lead-free (RoHS compliant) terminations for standard reflow soldering processes. * **Packaging:** Available in "Tape and Reel" format (indicated by the "-R" suffix) for automated pick-and-place assembly lines. --- ### 4. Typical Applications 1. **DOCSIS 3.0/3.1 Hardware:** Used in cable modems for upstream and downstream signal processing. 2. **CATV Amplifiers:** Used to split or combine signals in cable television distribution. 3. **Digital Video Interfaces:** Providing isolation and noise rejection for high-definition video signals. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific impedance rating for the 48AV-2CHB-R?
    • ⤷ Can you provide the pinout diagram for this SMD component?
    • ⤷ What are the common alternatives or equivalents to the 48AV series?