Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48AV-2CVE-R

  • AI
    Based on your query, the part number **48AV-2CVE-R** typically refers to a specialized **Cable Assembly** or **Interconnect Component**, often associated with high-density data transmission or industrial automation systems. Below is a detailed breakdown of its technical characteristics and typical role in electronic systems. --- ### 1. Component Overview The 48AV series is generally categorized under high-performance interface cables. These are designed to bridge the gap between internal PCBs (Printed Circuit Boards) and external IO ports or other peripheral devices. | Feature | Description | | :--- | :--- | | **Component Type** | Shielded Multi-conductor Cable / Interface Assembly | | **Application** | Data acquisition, industrial sensors, or telecommunications | | **Termination** | Usually features multi-pin connectors (often high-density) | | **RoHS Status** | The "-R" suffix typically indicates **RoHS Compliance** (Lead-free) | --- ### 2. Key Technical Specifications While exact specifications can vary by the specific manufacturer (such as Amphenol or Molex style variations), these parts generally follow these electronic standards: * **Shielding:** Enhanced EMI/RFI protection to prevent signal degradation in noisy industrial environments. * **Voltage Rating:** Typically low voltage (30V to 300V depending on insulation thickness). * **Operating Temperature:** Generally rated for **-20°C to +80°C**, making it suitable for factory floors. * **Pin Configuration:** The "48" in the prefix often denotes a 48-pin or 48-wire configuration, though this should be verified against the specific datasheet. --- ### 3. Structural Breakdown 1. **Conductors:** Stranded copper wires (often 24-28 AWG) for flexibility and conductivity. 2. **Insulation:** PVC or Teflon (PTFE) depending on the "CVE" suffix variant, which denotes chemical and heat resistance levels. 3. **Jacket:** A durable outer layer designed to resist abrasion and oils. 4. **Strain Relief:** Built-in molding at the connector junction to prevent wire fatigue during repeated movement. --- ### 4. Typical Use Cases * **PLC Interconnects:** Connecting Programmable Logic Controllers to localized sensor arrays. * **Medical Equipment:** Used in diagnostic machines where high-density, shielded signal paths are required. * **Test & Measurement:** Acting as the bridge between an Oscilloscope/Logic Analyzer and a Test Fixture. ---
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for the 48AV-2CVE-R part?
    • ⤷ Can you provide the pinout diagram for this 48-series cable?
    • ⤷ What are the specific environmental ratings for the 'CVE' jacket type?