Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48AV-2RH3-R

  • AI
    ### Overview of 48AV-2RH3-R The **48AV-2RH3-R** is a specific electronic component, typically categorized as a **Rotary Encoder** or **Potentiometer-style control switch**, often manufactured by companies like **Noble** or similar precision component vendors. These are widely used in automotive, audio, and industrial equipment for user interface controls. --- ### Technical Specifications The following table outlines the general characteristics of this series: | Parameter | Specification | | :--- | :--- | | **Type** | Incremental Rotary Encoder / Switch | | **Detents** | Usually 12 to 24 detents per rotation | | **Mounting Type** | Through-hole (PCB Mount) | | **Orientation** | Horizontal / Right Angle | | **Shaft Material** | Plastic or Metal (depending on sub-variant) | | **Switch Function** | Often includes a momentary "Push" switch | --- ### Internal Electronic Construction The "electronic parts" within this assembly consist of three primary functional areas: #### 1. The Encoder Mechanism (A/B Phases) * **Contact Plates:** As the shaft turns, internal metal brushes make and break contact with a circular PCB or lead frame. * **Quadrature Output:** It generates two square-wave signals (Channel A and Channel B) offset by 90 degrees. This allows the connected microcontroller to determine both **speed** and **direction** (clockwise vs. counter-clockwise). #### 2. The Integrated Switch * **Tactile Feedback:** The "2RH3" designation often implies a specific mechanical feel or the inclusion of a push-button. * **Contacts:** A momentary contact remains open until the shaft is pressed downward, closing the circuit. #### 3. Terminal Configuration * **Pins 1, 2, 3:** Usually dedicated to the encoder output (A, Common/Ground, B). * **Pins 4, 5:** Usually dedicated to the push-switch function. --- ### Common Applications These parts are designed for precision and durability in "human-machine interfaces" (HMI): * **Automotive:** Volume knobs, climate control temperature dials, and menu navigation. * **Audio Equipment:** Digital signal processors (DSPs), mixers, and studio monitors. * **Industrial:** Setting parameters on PLCs or digital displays. --- ### Circuit Integration Example When connecting this to a microcontroller (like an Arduino or STM32), pull-up resistors are required because the part acts as a mechanical switch. ```cpp // Basic Arduino Logic for Rotary Encoder const int pinA = 2; // Connected to Terminal A const int pinB = 3; // Connected to Terminal B void setup() { pinMode(pinA, INPUT_PULLUP); pinMode(pinB, INPUT_PULLUP); // Attach interrupts to detect rotation } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the 48AV series?
    • ⤷ How do I debounce the signal from this mechanical encoder?
    • ⤷ What is the difference between the 'R' and 'S' suffixes in this part number?