Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48AV-2YHB-R

  • AI
    The **48AV-2YHB-R** is a specific part number typically associated with **rotary encoders**, often manufactured by companies like NEMICON or specialized industrial hardware suppliers. These components are essential in motion control systems for providing feedback on position, speed, and direction. --- ### Technical Specifications Below is a breakdown of the typical technical attributes for this series: | Feature | Specification | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Outer Diameter** | 48mm | | **Output Phases** | A, B, and Z (Index Pulse) | | **Voltage Supply** | 5V DC or 12-24V DC (Model dependent) | | **Output Type** | Line Driver or Voltage Output | | **Resolution** | Usually ranges from 100 to 5000 P/R (Pulses per Revolution) | | **Connection** | Radial Cable Lead (indicated by "R") | --- ### Part Number Breakdown Understanding the nomenclature helps identify the exact functionality of the electronic part: 1. **48**: Represents the **Outer Diameter** of the encoder housing (48mm). 2. **AV**: Often denotes the series or specific electrical characteristics (e.g., Wide voltage range or specific signal output). 3. **2Y**: This usually refers to the **Output Signal Type**. "Y" often signifies a Totem Pole or Push-Pull output, which is compatible with most PLC inputs. 4. **HB**: Generally indicates the **Mounting Style** or Shaft type (Hollow Bore/Hub Shaft). 5. **R**: Indicates the **Cable Exit Direction**, in this case, "Radial" (exiting from the side of the cylinder). --- ### Key Internal Components To understand the "electronic parts" inside this unit, we look at the internal architecture: * **LED Light Source:** An infrared LED that shines through a coded disc. * **Coded Disc (Mask):** A precision-etched glass or plastic disc with transparent and opaque segments. * **Photo-Detector Array:** High-speed photodiodes that convert light pulses into electrical currents. * **Signal Processing ASIC:** A small integrated circuit that cleans the signal (Schmitt Trigger), amplifies it, and converts it into square waves. * **Output Driver:** Transistors (typically NPN/PNP) that handle the current load to send signals over long cables to a controller. --- ### Common Applications * **Servo Motors:** Providing closed-loop feedback for precise positioning. * **CNC Machinery:** Measuring the travel of the X, Y, or Z axes. * **Conveyor Systems:** Monitoring belt speed and product spacing. * **Elevators:** Determining floor position and leveling.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an incremental and an absolute encoder?
    • ⤷ How do I wire a 48AV-2YHB-R to a PLC?
    • ⤷ What are the common causes of signal noise in rotary encoders?