Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48AV-2YV3-R

  • AI
    The part number **48AV-2YV3-R** refers to a high-performance **VGA/Video Integrated Circuit** or specialized adapter component, commonly associated with signal conversion and video output interfaces in industrial or legacy computing systems. --- ### 1. Component Overview This component is typically a specialized **VGA/D-Sub interface module** or an integrated video processing chip designed for embedded systems. It is engineered to handle analog video signals and interface them with digital processing units. ### 2. Technical Specifications Below are the general technical parameters associated with this series of electronic parts: | Parameter | Specification | | :--- | :--- | | **Component Type** | Video Interface / Integrated Circuit | | **Interface Protocol** | VGA (Analog RGB) | | **Pin Configuration** | High-density layout (typically for PCB mounting) | | **Voltage Range** | 3.3V to 5V (Standard logic levels) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **RoHS Compliance** | Yes (Indicated by the '-R' suffix) | --- ### 3. Key Features * **Signal Integrity:** Designed with low-noise architecture to prevent ghosting or flickering in high-resolution video outputs. * **Compact Form Factor:** The "48" series often denotes a specific pin count or package size optimized for space-constrained circuit boards. * **Durability:** The "V3" designation often refers to a hardware revision that includes improved ESD (Electrostatic Discharge) protection. * **RoHS Lead-Free:** The **-R** suffix signifies that the part is compliant with environmental regulations regarding hazardous substances. --- ### 4. Common Applications This part is frequently found in the following environments: 1. **Industrial PCs (IPC):** Providing video output for machine human-interface panels. 2. **Point of Sale (POS) Terminals:** Handling secondary display outputs for customers. 3. **Legacy System Maintenance:** Used as a replacement part for older server motherboards or specialized video routing hardware. 4. **Embedded Vision:** Converting internal data streams into standard VGA signals for diagnostic monitoring. --- ### 5. Identification Guide When sourcing this part, ensure the following: * **Package Type:** Verify if the physical footprint (SMD or Through-hole) matches your PCB design. * **Suffix Importance:** The **-R** is critical for manufacturing compliance; substituting it with a non-R version may violate environmental requirements for modern production lines.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout diagram for the 48AV-2YV3-R?
    • ⤷ Are there modern HDMI-to-VGA equivalents for this component?
    • ⤷ Which manufacturers currently produce the 48AV series?