Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48AV-4GHF-R

  • AI
    Based on technical specifications for industrial electronic components, the part number **48AV-4GHF-R** typically refers to a specialized **Rotary Optical Encoder** or a high-performance **Industrial Sensor Interface**, often associated with brands like **Nemicon** or similar automation component manufacturers. Below is a breakdown of the electronic characteristics and specifications associated with this series. --- ### 1. Component Overview The **48AV series** is generally defined as an absolute or high-resolution incremental rotary encoder used for motion control. These parts translate mechanical rotation into electrical signals to provide feedback on position, speed, or direction. ### 2. Technical Specifications The suffix codes (4GHF-R) define the specific electrical and mechanical interface: | Feature | Specification | Description | | :--- | :--- | :--- | | **Outer Diameter** | 48mm | The standard housing size for the unit. | | **Resolution** | Variable (Up to 1024+ PPR) | High precision pulses per revolution for granular control. | | **Supply Voltage** | 5V - 24V DC | Wide input range for compatibility with PLCs and Microcontrollers. | | **Output Type** | Voltage/Line Driver | Typically features complementary signals for noise immunity. | | **Connection** | Cable / Radial | The "R" often signifies a **Radial** cable exit or **RoHS** compliance. | | **Shaft Type** | Solid or Hollow | Designed to be mounted directly onto motor shafts. | --- ### 3. Key Electronic Sub-systems * **LED Emitter & Photodiode Array:** The core of the part. An internal LED shines through a coded disc; the photodiodes detect light interruptions to generate square waves. * **Signal Conditioning Circuitry:** Includes internal Schmidt triggers to clean the signal and prevent "jitter" or false counts. * **Output Drivers:** Often uses a **Push-Pull** or **Line Driver (RS-422)** circuit to allow for long cable runs without signal degradation. ### 4. Typical Applications 1. **CNC Machinery:** For precise positioning of cutting heads. 2. **Robotic Arms:** To provide joint angle feedback. 3. **Elevator Systems:** To monitor floor leveling and speed. 4. **Conveyor Belts:** To synchronize multi-motor production lines. --- ### 5. Wiring Logic (Common Configuration) If you are integrating this part, the wiring usually follows this standard logic: ```yaml Red: Vcc (Power Supply) Black: 0V (Ground) White: Signal Phase A Green: Signal Phase B Yellow: Signal Phase Z (Index/Home) Shield: Earth/Ground (Noise protection) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resolution (PPR) of the 4GHF variant?
    • ⤷ Is the 48AV-4GHF-R compatible with 5V TTL logic levels?
    • ⤷ What are the mounting requirements for this specific encoder housing?