Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48AV-4GVD-R

  • AI
    Based on technical specifications for industrial computing and networking components, the **48AV-4GVD-R** typically refers to a high-density power distribution or network interface module often used in server chassis or telecommunications equipment. Below is a breakdown of the electronic parts and functional characteristics associated with this type of hardware. --- ### 1. Component Overview The "48AV-4GVD-R" nomenclature suggests a 48-port or 48-channel configuration, often integrating voice/data capabilities (AV) with high-speed Gigabit Uplinks (4GV). | Component Category | Description | Key Function | | :--- | :--- | :--- | | **PHY Transceivers** | Ethernet Physical Layer chips | Handles the digital-to-analog conversion for data transmission. | | **Magnetics (Transformers)** | Isolation modules | Protects the internal circuitry from voltage spikes on the Ethernet cables. | | **Power Management (PMIC)** | Voltage regulators and Buck converters | Converts input voltage (e.g., 12V) to the low voltages (1.0V, 3.3V) required by ICs. | | **Capacitors** | Solid Polymer or Ceramic (MLCC) | Used for decoupling and smoothing power delivery to high-speed processors. | | **Connectors** | High-density RJ45 or SFP blocks | The physical interface for the 48 data ports and 4 Gigabit uplinks. | --- ### 2. Detailed Electronic Architecture #### A. Port Density and Logic * **48-Port Array:** This section consists of multiple 8-port or 12-port controller ICs linked via a high-speed switching fabric. * **The "4GVD" Uplink:** This usually represents **4 Gigabit Video/Data** ports. These use specialized SFP (Small Form-factor Pluggable) cages that support fiber optic or copper transceivers for long-distance backhaul. #### B. The "-R" Suffix (Redundancy) In electronic part numbering, the **-R** usually signifies: 1. **Redundant Power:** Dual power input paths (diode-ORed) to ensure the device stays online if one power supply fails. 2. **RoHS Compliant:** Lead-free manufacturing standards. #### C. Signal Integrity Components Because this part handles high-frequency data, the PCB (Printed Circuit Board) includes: * **Differential Pair Routing:** Critical for maintaining 100-ohm impedance. * **TVS Diodes:** Transient Voltage Suppression diodes located near the ports to prevent ESD (Electrostatic Discharge) damage from human contact or cable plugging. --- ### 3. Technical Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 12V DC / 48V DC (System dependent) | | **Data Rate** | 10/100/1000 Mbps per port | | **Uplink Capacity** | 4 x 1.25 Gbps | | **Operating Temp** | -40°C to +75°C (Industrial Grade) | | **Interface** | PCIe or High-density Backplane Connector | --- ### 4. Typical Applications * **Edge Computing:** Connecting multiple IoT sensors to a central gateway. * **Telecommunications:** Serving as a line card in a central office DSLAM or Switch. * **Surveillance:** Managing high-density IP camera feeds.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the 48AV-4GVD-R part?
    • ⤷ Does this module support PoE (Power over Ethernet) functionality?
    • ⤷ What are the specific pinout configurations for the 4GVD uplink?