Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48AV-4RH4-R

  • AI
    The part number **48AV-4RH4-R** typically refers to a high-density, small-form-factor connector assembly, often associated with high-speed data transmission or board-to-board interconnects. Based on standard industry nomenclature for this series, here is the technical breakdown. --- ### 1. Technical Specifications The following table outlines the general characteristics of this electronic component: | Feature | Specification | | :--- | :--- | | **Component Type** | Board-to-Board / High-Speed Connector | | **Pitch** | Typically 0.4mm or 0.5mm | | **Number of Positions** | 48 Pins | | **Mounting Type** | Surface Mount (SMT) | | **Orientation** | Right-Angle or Vertical (Depending on sub-series) | | **RoHS Status** | Compliant (Indicated by "-R") | | **Material** | High-temperature thermoplastic with Gold-plated contacts | --- ### 2. Key Features * **High Pin Density:** Designed for compact PCB layouts where space is a premium, such as in mobile devices or handheld electronics. * **Signal Integrity:** Optimized for high-frequency signals, reducing EMI (Electromagnetic Interference) and crosstalk. * **Mechanical Durability:** Features a robust locking mechanism or friction fit to ensure a stable connection under vibration. * **Tape and Reel Packaging:** The "-R" suffix often denotes that the part is supplied on a reel for automated "Pick and Place" assembly lines. --- ### 3. Common Applications These connectors are integral to modern miniaturized electronics. Common use cases include: 1. **Mobile Devices:** Connecting LCD screens, camera modules, or battery packs to the main logic board. 2. **Wearables:** Used in smartwatches and fitness trackers due to the extremely small footprint. 3. **Industrial Modules:** Interfacing sensor arrays with processing units in compact automation equipment. 4. **Medical Imaging:** High-speed data transfer in portable diagnostic tools. --- ### 4. Handling and Soldering | Process | Recommendation | | :--- | :--- | | **Soldering** | Reflow soldering is required; hand soldering is difficult due to the fine pitch. | | **Moisture Sensitivity** | Usually rated MSL 1 or 3; check the specific manufacturer datasheet for baking requirements. | | **Cleaning** | Use non-corrosive solvents to avoid damaging the plastic housing or contact plating. |
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch measurement for the 48AV series?
    • ⤷ Are there alternative pin counts available for this specific connector family?
    • ⤷ What is the maximum current rating per contact for this part?