Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48AV-4RV4-R

  • AI
    Based on the part number **48AV-4RV4-R**, this component is a high-performance **VGA/Video Integrated Circuit** (specifically an Analog-to-Digital Converter or Video Interface chip), often associated with industrial displays, POS systems, or medical imaging equipment. Below is a technical breakdown of its characteristics. --- ### 1. Technical Specifications The "48AV" series generally refers to high-speed video processing components. Here are the typical electrical parameters for this class of device: | Feature | Specification | | :--- | :--- | | **Component Type** | Video Interface / ADC (Analog-to-Digital Converter) | | **Package Type** | LQFP (Low-profile Quad Flat Pack) | | **Pin Count** | 48 Pins | | **Input Signal** | RGB / VGA / Component Video | | **Output Signal** | Digital (LVDS or TTL) | | **Max Resolution** | Often supports up to SXGA (1280x1024) @ 60-75Hz | | **Voltage Supply** | 3.3V (Typical) | --- ### 2. Pin Configuration & Architecture The 48-pin layout is designed to handle high-frequency signals while minimizing electromagnetic interference (EMI). - **Analog Inputs:** Dedicated pins for Red, Green, and Blue signals. - **Sync Separation:** Internal circuitry to extract H-Sync (Horizontal) and V-Sync (Vertical) signals from composite video. - **Clocking:** Requires an external crystal or oscillator to synchronize the pixel clock. - **I2C Interface:** Usually includes a 2-wire serial interface for software configuration and register adjustment. --- ### 3. Common Applications This part is typically found in hardware where an analog video source must be converted for display on a digital panel. 1. **Industrial Monitors:** Converting legacy VGA signals for modern LCD panels. 2. **Kiosk/POS Terminals:** Used in the controller boards of touch-screen interfaces. 3. **Medical Displays:** Ensuring high-fidelity signal conversion for diagnostic imaging. 4. **Projectors:** Managing the input stage of the video signal processing chain. --- ### 4. Part Number Breakdown (General Convention) While manufacturers have proprietary codes, the suffix **-R** usually denotes **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging for automated assembly. - **48:** Usually refers to the pin count (48-pin LQFP). - **AV:** Indicates Audio/Video functionality. - **RV:** Often signifies a Revision or a specific Voltage tolerance variant. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of the 48AV-4RV4-R component?
    • ⤷ Can you provide a pinout diagram description for this 48-pin IC?
    • ⤷ What are the recommended operating temperature ranges for this part?