Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48AV-4RVD-R

  • AI
    The **48AV-4RVD-R** is a specific technical designation typically associated with high-performance **rotary encoders** or **servo motor feedback components**, often manufactured by companies like **Tamagawa Seiki**. These parts are critical in industrial automation for precise motion control. --- ### 1. Component Overview This part is a high-resolution feedback device used to communicate the exact position, speed, and direction of a motor shaft to a controller (Servo Drive). | Feature | Specification Details | | :--- | :--- | | **Type** | Absolute Rotary Encoder | | **Technology** | Optical or Magnetic sensing | | **Mounting** | Typically built-in/integrated for Servo Motors | | **Application** | CNC Machines, Robotics, Industrial Arms | --- ### 2. Breakdown of Technical Attributes Based on the standard nomenclature for this series, here are the electronic characteristics: #### A. Resolution and Output * **High Resolution:** These units often provide 17-bit to 23-bit resolution, meaning they can divide a single 360° rotation into millions of distinct positions. * **Absolute Encoding:** Unlike incremental encoders, this part "remembers" its position even after a power loss, eliminating the need for a "homing" sequence. #### B. Communication Interface * **Serial Communication:** It uses a high-speed serial protocol (like RS-485 based proprietary protocols) to send data to the drive. This reduces the number of wires needed compared to traditional parallel wiring. * **Power Supply:** Usually operates on **DC 5V**, which is standard for encoder electronics. #### C. Physical Design * **RVD Designation:** Often refers to the "Radial" lead orientation or specific structural reinforcements to handle vibration and high RPM (up to 6,000+ RPM). * **Environment:** These are usually rated for high-temperature stability to handle the heat generated by the motor. --- ### 3. Connection Pinout (General Example) While specific colors can vary by manufacturing batch, the standard interface for these serial encoders is: | Pin/Wire Color | Function | Description | | :--- | :--- | :--- | | Red | Vcc | +5V Power Supply | | Black | GND | 0V Ground | | Blue/Green | Data (+) | Serial Communication High | | Blue-White | Data (-) | Serial Communication Low | | Shield | Case | Electromagnetic interference protection | --- ### 4. Common Troubleshooting Areas If you are working with this part, keep the following electronic factors in mind: 1. **Signal Noise:** Ensure the shield wire is properly grounded to prevent "position skipping." 2. **Voltage Drop:** If the cable is longer than 10 meters, ensure the 5V supply isn't dropping below the threshold (usually 4.75V). 3. **Battery Backup:** Since it is an absolute encoder, it often requires an external battery (usually 3.6V) connected at the drive to maintain multi-turn data when the machine is off. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an absolute and an incremental encoder?
    • ⤷ How do I test the serial output of a 48AV series encoder?
    • ⤷ Can this encoder be used with any brand of servo drive?