Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48DV-0YV0-R

  • AI
    The part number **48DV-0YV0-R** typically refers to a specific type of **Low Voltage Differential Signaling (LVDS) connector** or a specialized **Board-to-Board (BTB) connector**, often utilized in high-speed data transmission applications like LCD displays, laptops, and automotive infotainment systems. --- ### 1. General Specifications While exact specifications can vary slightly by manufacturer (often associated with brands like **I-PEX** or **JAE** equivalents), the general profile for this series is as follows: | Feature | Specification | | :--- | :--- | | **Connector Type** | LVDS / Micro-Coaxial / Board-to-Board | | **Pitch** | Typically 0.5mm | | **Mounting Orientation** | Right Angle / Vertical (Surface Mount) | | **Number of Positions** | Determined by the specific "48" prefix (often 40-50 pins) | | **RoHS Compliance** | Yes (indicated by the "-R" suffix) | --- ### 2. Key Components & Materials These electronic parts are precision-engineered to handle high-frequency signals with minimal interference. * **Contacts:** Usually made of a **Copper Alloy** with **Gold over Nickel plating** to prevent corrosion and ensure low contact resistance. * **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer), capable of withstanding the heat of **reflow soldering**. * **Shell/Shielding:** Stainless steel or copper alloy to provide EMI (Electromagnetic Interference) protection. --- ### 3. Common Applications Due to the high pin density and high-speed capabilities, this part is found in: 1. **Display Interfaces:** Connecting a motherboard to an LED/LCD panel. 2. **Medical Equipment:** High-resolution imaging devices. 3. **Automotive:** Dashboard clusters and camera systems. 4. **Drones/Robotics:** Where compact, vibration-resistant high-speed data links are required. --- ### 4. Technical Integration (Footprint) When designing a PCB for this part, engineers must pay close attention to the pad layout. Below is a conceptual representation of how these parts are defined in CAD software: ```yaml Component: 48DV-0YV0-R Footprint_Type: SMT (Surface Mount Technology) Signal_Integrity: Differential Pair Matching Required Shielding: Grounded tabs for EMI reduction ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact pin count for the 48DV-0YV0-R model?
    • ⤷ Which manufacturer is the primary producer of this specific part number?
    • ⤷ What are the soldering temperature requirements for this connector?