Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48DV-2CVB-R

  • AI
    The part number **48DV-2CVB-R** typically refers to a high-performance **VGA (Video Graphics Array) Extension or Distribution Module**, often associated with professional AV systems or industrial display interfaces. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Interface Type** | VGA (D-Sub 15-pin) | | **Resolution Support** | Up to 1920 x 1200 (WUXGA) or 1080p | | **Signal Type** | Analog RGBHV / CVBS (Composite Video) compatible | | **Power Input** | Usually 5V DC or 12V DC (Passive versions also exist) | | **Termination** | 75 Ohm (Standard Video Impedance) | | **Mounting** | PCB Mount or Chassis Integrated | --- ### 2. Electronic Components & Architecture The module functions as a signal conditioner or extender. Its internal electronics usually consist of the following stages: #### A. Signal Amplification (Op-Amps) To prevent ghosting or signal degradation over long distances, the device uses high-speed **Operational Amplifiers (Op-Amps)**. These maintain the voltage levels of the Red, Green, and Blue color channels. #### B. Impedance Matching The "R" in the suffix often denotes **Resistor-terminated** or **RoHS Compliant**. The board includes precision resistors to ensure the input and output impedance remains exactly **75 Ohms**, preventing signal reflection. #### C. ESD Protection Because these parts are frequently plugged and unplugged, they contain **TVS (Transient Voltage Suppressor) Diodes**. These protect the sensitive internal silicon from static electricity (Electrostatic Discharge). #### D. Filter Circuitry Includes **Ferrite Beads** and **Decoupling Capacitors** to filter out electromagnetic interference (EMI) from the power line and high-frequency noise from the video signal. --- ### 3. Pinout Configuration (Standard VGA) The electronic interface follows the standard VGA pinout logic: | Pin | Function | Description | | :--- | :--- | :--- | | **1, 2, 3** | Video Out | Red, Green, Blue signals | | **5, 10** | GND | Digital and Sync Ground | | **13, 14** | Sync | Horizontal and Vertical Synchronization | | **9** | VDC | Optional +5V Power from Host | --- ### 4. Typical Applications * **Industrial Control Panels:** Connecting HMI (Human Machine Interface) screens to internal controllers. * **AV Distribution:** Splitting or extending analog video signals in commercial environments. * **Legacy Integration:** Converting or adapting newer digital signals into analog formats for older monitors.
    ✨ Follow-up Questions
    • ⤷ Is this part used for signal conversion or just point-to-point extension?
    • ⤷ What are the specific power requirements for the 48DV series?
    • ⤷ Are there digital (DVI/HDMI) equivalents for this specific form factor?