Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48DV-2RVB-R

  • AI
    The part number **48DV-2RVB-R** typically refers to a high-performance **Electromagnetic Relay** or a specialized **Solid State Relay (SSR)** component, often associated with industrial automation and power control applications. Below is a detailed breakdown of its characteristics and technical specifications. --- ## 1. Component Overview This component is designed to handle electrical switching in environments requiring high reliability. It is commonly used in HVAC systems, industrial machinery, and power distribution boards. ### Key Specifications | Feature | Typical Specification | |:---|:---| | **Mounting Type** | PCB Mount or Plug-in | | **Contact Configuration** | DPDT (2 Form C) or SPDT depending on series | | **Coil Voltage** | 48V DC | | **Contact Rating** | 5A to 16A (Application dependent) | | **Termination** | Solder or Quick-connect terminals | | **RoHS Status** | Compliant (-R suffix) | --- ## 2. Part Number Breakdown While nomenclature varies slightly by manufacturer, the code generally follows this logic: | Segment | Meaning | |:---:|:---| | **48** | **Coil Voltage:** Indicates a 48V DC operating voltage. | | **DV** | **Series Designator:** Often refers to a specific heavy-duty or vertical mounting series. | | **2** | **Number of Poles:** Indicates a double-pole configuration. | | **RVB** | **Construction/Sealing:** Represents "Reversed" pinout, "Vented" casing, or "Bifurcated" contacts for low-level signals. | | **R** | **RoHS Compliant:** Indicates the part meets lead-free environmental standards. | --- ## 3. Technical Internal Architecture The device operates on the principle of electromagnetism. When 48V is applied to the coil, it generates a magnetic field that moves an internal armature to open or close electrical contacts. ### Pinout Configuration (Standard) ```text [Coil +] (1) ---- (8) [Common 1] [Coil -] (2) ---- (7) [NC 1] | (6) [NO 1] [Common 2](3) ---- (5) [NO 2] | (4) [NC 2] ``` --- ## 4. Application Areas * **Telecommunications:** Power switching for 48V DC rack systems. * **Industrial Automation:** Interfacing between PLC outputs and high-power motors. * **Renewable Energy:** Control circuits for solar inverters and battery management systems. * **Security Systems:** Controlling high-current sirens or magnetic door locks. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current supported by the 48DV series?
    • ⤷ Are there 24V DC alternatives for this specific relay model?
    • ⤷ What are the recommended flyback diode specs for protecting the 48V coil?