Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48NAM-4BV-R/F

  • AI
    The part number **48NAM-4BV-R/F** typically refers to a specialized **Fan Control Module** or a specific sub-assembly used in high-end cooling systems, often associated with industrial electronics or server-grade infrastructure (frequently linked to Nidec or similar thermal management manufacturers). Below is a detailed breakdown of the components and specifications associated with this part. --- ### 1. General Specifications The module is designed to regulate the power and speed of high-performance DC fans. | Feature | Description | | :--- | :--- | | **Component Type** | Fan Control Module / Motor Driver Board | | **Input Voltage** | 48V DC (Nominal) | | **Control Method** | PWM (Pulse Width Modulation) | | **Interface** | Connector-based (R/F suffix often indicates specific wiring/mounting) | | **Primary Application** | Telecom, Server Racks, Industrial Cooling | --- ### 2. Breakdown of the Part Number Logic While nomenclature varies by manufacturer, the string can generally be decoded as follows: * **48**: Represents the **Voltage Rating** (48V DC). This is standard for telecommunications and data center equipment. * **NAM**: Usually refers to the **Series or Board Architecture** (Nidec Advanced Module). * **4BV**: Indicates the **Revision or Specific Configuration** (e.g., 4-channel output, B-version, Variable speed). * **R/F**: Often signifies **RoHS Compliance** and **Frequency/Function** specific filters. --- ### 3. Key Electronic Components A module of this type typically contains several critical electronic stages: #### A. Power Regulation Stage * **Buck Converters:** To step down the 48V input to lower logic levels (5V or 3.3V) for the onboard ICs. * **Capacitors:** High-voltage electrolytic capacitors for ripple filtering and stabilization. #### B. Control & Logic Stage * **Microcontroller/ASIC:** Handles the PWM signals and monitors the "Tachometer" (FG) feedback from the fans. * **Communication Bus:** May include I2C or SMBus interfaces to report fan health to a master system controller. #### C. Driver Stage * **MOSFETs:** Power transistors used to switch the current to the fan motors efficiently. * **Protection Circuitry:** Includes TVS diodes for surge protection and thermal fuses to prevent board fires during a stall condition. --- ### 4. Technical Usage Context This part is commonly found in **Fan Trays**. Instead of a single fan connecting directly to a power supply, the 48NAM-4BV-R/F acts as an intermediary "brain." **Functionality includes:** 1. **Soft Start:** Prevents a massive current spike when the fans first turn on. 2. **Redundancy:** If one fan fails, the module can signal the others to increase speed to compensate. 3. **Hot-Swapping:** Designed to be plugged/unplugged while the system is powered. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per channel for the 48NAM series?
    • ⤷ Is this module compatible with standard 12V PC fans?
    • ⤷ How do I troubleshoot a 'Fan Fail' signal from this specific control board?