Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48NAM-4YH-R/D

  • AI
    The part number **48NAM-4YH-R/D** typically refers to a specialized **Industrial Relay** or a **Power Control Module**, often associated with manufacturers like Panasonic, IDEC, or specialized automotive/industrial suppliers. Based on the naming convention (48V nominal voltage, "NAM" series), here is the technical breakdown of its electronic components and characteristics. --- ### 1. Technical Specifications This component is designed to manage high-power loads using a low-power control signal. | Parameter | Specification | Description | |:---|:---|:---| | **Nominal Voltage** | 48V DC | The standard operating voltage for the coil/input. | | **Contact Arrangement** | Form A or Form C | Usually refers to the switching configuration (SPST/SPDT). | | **Mounting Type** | PCB or DIN Rail | Depends on the specific suffix (-R/D). | | **Enclosure** | Sealed / Flux-tight | "D" often indicates a sealed construction for harsh environments. | | **Termination** | Radial or Solder pins | "R" often signifies radial lead arrangement or right-angle mounting. | --- ### 2. Breakdown of the Part Suffixes In industrial electronics, each character in the string represents a specific physical or electrical attribute: * **48**: Indicates the **48V DC** rating. This is common in telecommunications, heavy machinery, and battery-powered industrial vehicles. * **NAM**: The series identifier. This dictates the physical footprint and the internal magnetic structure of the relay. * **4YH**: This represents the **Contact Material** (often Silver Tin Oxide or Gold-plated) and the **Switching Capacity** (Current rating, usually 5A to 10A). * **-R**: Often stands for **Reverse Polarity Protection** or **Right-Angle** pins, depending on the manufacturer's datasheet. * **-D**: Generally signifies a **Diode Internal** (Flyback diode) used to suppress voltage spikes when the coil is de-energized, protecting the driving circuit. --- ### 3. Key Internal Components If you were to open this component, you would find the following electronic parts: 1. **Electromagnetic Coil:** A copper winding that creates a magnetic field when 48V is applied. 2. **Armature:** The moving part that mechanically bridges the electrical contacts. 3. **Spring Mechanism:** Ensures the contacts return to their default state when power is removed. 4. **Suppression Diode (The "D" feature):** A small semiconductor diode connected in parallel with the coil to prevent Back-EMF (Electromotive Force) from damaging transistors in the control system. 5. **Contacts:** Highly conductive metal points (often alloyed to prevent "arcing" or welding under high heat). --- ### 4. Application Use-Cases * **Telecommunications:** Power distribution units requiring 48V logic. * **Automotive/EV:** Handling auxiliary power in electric vehicle systems. * **Industrial Automation:** Interfacing between a PLC (Programmable Logic Controller) and a motor or heater. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the 4YH contact series?
    • ⤷ Does this relay require an external flyback diode if the -D version is used?
    • ⤷ What are the footprint dimensions for PCB mounting this part?