Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48NAT-2BV3-R

  • AI
    The **48NAT-2BV3-R** is a specific part number typically associated with **rotary encoders** or specialized **electromechanical switches**, often found in industrial automation, medical equipment, or high-end consumer electronics. Below is a technical breakdown of its primary electronic and mechanical characteristics. --- ### 1. Technical Specifications This component is designed for precise input control or sensing. The specific alphanumeric code usually breaks down into the following parameters: | Parameter | Description | | :--- | :--- | | **Component Type** | Incremental Rotary Encoder / Switch | | **Resolution** | Usually 12 to 24 pulses per rotation (PPR) | | **Mounting Type** | Through-hole (PCB) or Panel Mount | | **Switch Feature** | Integrated Push-Momentary Switch (Standard) | | **Detent** | Mechanical clicks (Tactile feedback) | | **Operating Voltage** | Typically 5V DC (Logic level) | --- ### 2. Key Electronic Components The internal construction of the 48NAT-2BV3-R consists of several critical elements: * **Contact Wipers:** Small metallic brushes that slide over a coded disc to complete a circuit, generating square wave signals (Phase A and Phase B). * **Quadrature Output:** It uses two-phase output to allow the microcontroller to determine both the **speed** and the **direction** of the rotation. * **Integrated Push Switch:** The "2BV" variant often indicates a built-in vertical push-button functionality, allowing the user to "select" an item after scrolling. * **Debouncing Circuitry Requirement:** Like most mechanical encoders, it requires external resistors and capacitors (or software debouncing) to prevent signal noise during transitions. --- ### 3. Pin Configuration (Standard Layout) Most parts in this series follow a 5-pin layout: 1. **Channel A:** Output signal 1. 2. **Channel B:** Output signal 2 (offset by 90 degrees). 3. **Common (GND):** The ground connection for the signals. 4. **Switch Terminal 1:** For the push-button functionality. 5. **Switch Terminal 2:** For the push-button functionality. --- ### 4. Applications Due to its robust design and "R" (RoHS Compliant) rating, it is commonly used in: * **Audio Equipment:** Digital volume knobs and menu navigation. * **Household Appliances:** Temperature or timer settings on ovens/microwaves. * **Industrial Panels:** Navigating PLC menus or setting machine parameters. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact Pulse Per Revolution (PPR) rating for this specific model?
    • ⤷ How do I implement a hardware debounce circuit for this encoder?
    • ⤷ What is the difference between the 2BV and 1BV variants in this series?