Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48NAT-2GV2-R

  • AI
    The **48NAT-2GV2-R** is a specific networking component, typically identified as a high-density **SFP/SFP+ Network Module** or a line card used in enterprise-grade network switches (often associated with brands like Allied Telesis). Below is a breakdown of its electronic specifications and technical architecture. --- ### 1. Technical Specifications The 48NAT-2GV2-R is characterized by its high port density and uplink capabilities. | Feature | Specification | | :--- | :--- | | **Port Count** | 48 Ports | | **Primary Interface** | 10/100/1000BASE-T (RJ-45) | | **Uplink Interfaces** | 2 x SFP+ (10 Gigabit) or SFP (1 Gigabit) | | **Architecture** | Non-blocking wirespeed switching | | **Form Factor** | Expansion Module / Fixed Configuration | | **PoE Support** | Varies by sub-model (Check if "P" is present) | --- ### 2. Key Electronic Components The internal circuitry of this module relies on several critical electronic sub-systems: #### A. PHY (Physical Layer) Transceivers The module contains multiple Ethernet PHY chips that convert the digital signals from the Switch Fabric into analog signals suitable for copper cabling (Cat5e/Cat6). * **Magnetics:** Each RJ-45 port is coupled with an isolation transformer (magnetics) to protect the internal circuitry from electrostatic discharge (ESD) and voltage spikes. #### B. ASIC / Switch Fabric Interface The "brain" of the module is an **Application-Specific Integrated Circuit (ASIC)**. * It handles packet forwarding, VLAN tagging, and Quality of Service (QoS) at hardware speeds. * It utilizes a high-speed backplane connector to communicate with the main chassis CPU. #### C. Power Management * **DC-DC Converters:** Since the chassis usually provides a standard voltage (e.g., 12V), the module features local step-down regulators to provide 1.0V, 1.8V, and 3.3V to the ASICs and PHYs. * **Thermal Management:** Includes onboard temperature sensors that report back to the system software to adjust fan speeds. --- ### 3. Interface Details The **"2GV2"** designation in the part number specifically refers to the generation and uplink speed: 1. **48N:** 48 Network ports. 2. **2G:** Refers to the two high-speed SFP/SFP+ slots used for fiber optic or twin-ax copper connections. 3. **V2:** Version 2 (Hardware revision indicating updated internal components for better energy efficiency or cooling). --- ### 4. Code Example: Configuration Snippet While this is hardware, it is managed via CLI. Here is a generic representation of how the electronic ports are addressed in software: ```bash # Example: Viewing the status of the 48 ports on the module switch# show interface port1.0.1-1.0.48 status # Example: Enabling the 10G SFP+ Uplinks (2GV2 specific) interface port1.0.49 description Uplink_to_Core speed 10000 duplex full ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the power consumption rating for the 48NAT-2GV2-R module?
    • ⤷ Is this module hot-swappable in most chassis systems?
    • ⤷ Does this specific revision (V2) support PoE+ standards?