Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48NAT-2YV3-R/Q

  • AI
    The part number **48NAT-2YV3-R/Q** typically refers to a specialized electronic assembly, often associated with high-precision components or sub-assemblies in industrial automation, specifically within the realm of **rotary encoders** or **feedback sensors** (frequently used in Brother or Yaskawa CNC machinery). Below is a breakdown of the electronic characteristics and technical specifications generally associated with this series. --- ### Technical Specifications Overview | Feature | Specification Details | | :--- | :--- | | **Component Type** | Optical Rotary Encoder / Feedback Unit | | **Input Voltage** | Typically 5V DC (Standard for TTL/Line Driver) | | **Signal Type** | Incremental / Absolute (Depends on the controller interface) | | **Resolution** | High-density pulse count (varies by internal disc) | | **Connectivity** | Multi-pin connector (R/Q series often use circular aviation plugs) | | **Application** | CNC Spindles, Servo Motors, Positioning Arms | --- ### Component Breakdown #### 1. The Encoder Housing The "48" in the prefix often denotes the outer diameter of the encoder body (e.g., **48mm**). These are designed to be compact to fit onto the rear shaft of servo motors. #### 2. Signal Generation (Optical vs. Magnetic) These parts usually utilize **Optical Scanning**. * **LED Emitter:** Sends light through a coded disk. * **Photo-detector:** Receives pulses to determine speed, direction, and position. #### 3. Wiring and Interface (R/Q Designators) The suffix **R/Q** usually refers to the specific wiring harness or connector orientation: * **R:** Often stands for "Radial" exit (cable comes out the side). * **Q:** Can indicate a specific "Quick-connect" or a proprietary pinout configuration required for the machine's control board. #### 4. Integrated Circuitry Inside the unit, you will find: * **Line Drivers:** (e.g., AM26LS31) to ensure signals can travel over long cables without interference. * **Filtering Capacitors:** To smooth out power ripples. * **Schmitt Triggers:** To clean up the square wave signals for the CNC controller. --- ### Common Failure Points If you are troubleshooting this part, focus on these electronic issues: 1. **Contamination:** Dust or oil getting onto the internal optical disk, causing "Pulse Miss" errors. 2. **Cable Fatigue:** The "R/Q" connector pins can become loose or oxidized due to machine vibration. 3. **LED Degradation:** Over years of use, the internal light source dims, leading to weak signal output. --- ### Replacement and Compatibility Because these are often proprietary parts for CNC brands (like **Brother** tapping centers), it is critical to match the **2YV3** sequence exactly. This sequence dictates the specific communication protocol (the "language") the encoder uses to talk to the Servo Drive.
    ✨ Follow-up Questions
    • ⤷ What are the specific symptoms of a failure in a 48NAT series encoder?
    • ⤷ Can this part be cross-referenced with standard Yaskawa or Fanuc encoders?
    • ⤷ What is the pinout diagram for the R/Q connector type?