Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48NAV-4BVB-R

  • AI
    The part number **48NAV-4BVB-R** typically refers to a high-precision **Potentiometer** or **Rotary Encoder** manufactured by companies like **Sakata Manufacturing** or distributed through specialized industrial electronic channels. These components are designed for high-reliability applications where rotational position feedback is required. --- ### 1. Technical Specifications Overview Based on standard nomenclature for this series, the following table outlines the likely technical characteristics: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Precision Rotary Potentiometer / Sensor | | **Resistance Value** | Typically 5kΩ or 10kΩ (model dependent) | | **Linearity** | ±0.5% to ±0.1% (High Precision) | | **Rotational Life** | 5 to 10 million cycles | | **Housing Material** | Aluminum or high-grade reinforced plastic | | **Mounting Type** | Bushing Mount (Panel mount) | | **Termination** | Gold-plated terminals or Solder hooks | --- ### 2. Breakdown of the Part Number While specific manufacturer datasheets vary slightly, the alphanumeric code usually breaks down as follows: * **48**: Refers to the outer diameter or frame size (approx. 48mm). * **NAV**: Indicates the series type (often "Navigation" or "Non-contact" vs "Contact" depending on the technology). * **4B**: Specific mechanical configuration (shaft length/type or mounting style). * **VB**: Usually denotes the electrical angle or the output curve (Linear vs. Logarithmic). * **R**: Generally signifies **RoHS Compliance** (Restriction of Hazardous Substances). --- ### 3. Key Electronic Characteristics The **48NAV series** is known for specific industrial advantages: 1. **Low Torque:** Designed for minimal resistance to rotation, making it ideal for sensitive control systems. 2. **Continuous Rotation:** Unlike standard volume knobs, many industrial "NAV" parts allow for 360-degree rotation without a physical stop. 3. **High Resolution:** Provides smooth, infinite resolution output, which is critical for fine-tuning machinery or calibration equipment. --- ### 4. Common Applications These parts are rarely found in consumer electronics; they are primarily used in: * **Medical Equipment:** Dialysis machines or surgical imaging controls. * **Industrial Automation:** Positioning arms or speed controllers for conveyors. * **Aerospace/Defense:** Control yokes or sensitive instrument panels. * **Test & Measurement:** Calibration equipment for labs. ---
    ✨ Follow-up Questions
    • ⤷ Do you have the specific datasheet for the resistance value of this part?
    • ⤷ Are you looking for a pin-compatible replacement or equivalent for the 48NAV-4BVB-R?
    • ⤷ Is this part being used in a new design or as a replacement in a repair?