Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48NDV-4BA-R

  • AI
    The **48NDV-4BA-R** is a specific part number typically associated with **Vacuum Fluorescent Displays (VFD)** or specialized industrial display modules. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview This component is an alphanumeric display module often used in point-of-sale (POS) systems, medical equipment, and industrial interfaces. It is favored for its high brightness and readability in low-light environments. ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Display Type** | Vacuum Fluorescent Display (VFD) | | **Format** | Alphanumeric (typically 1 line x 20 characters or similar) | | **Operating Voltage** | 5V DC (Logic) | | **Interface** | Parallel or Serial (RS-232/TTL levels) | | **Luminance** | 350 - 700 cd/m² (High Brightness) | | **Character Color** | Blue-Green (Standard VFD Phosphor) | | **Operating Temp** | -20°C to +70°C | --- ### 3. Key Electronic Components A module like the 48NDV-4BA-R consists of several critical internal parts: * **VFD Glass Tube:** The actual display vessel containing the cathode (filament), grids, and anodes coated with phosphor. * **Grid/Anode Drivers:** Integrated circuits (ICs) that handle the high-voltage switching required to light up specific segments. * **DC-DC Converter:** Since VFDs require higher voltages (20V-60V) to accelerate electrons and a low voltage for the filament, the module includes an onboard inverter/converter. * **Microcontroller/Controller IC:** Manages the character font table (ASCII) and communication protocols. --- ### 4. Pinout Logic (Typical) While exact pinouts vary by manufacturer (often Futaba or Noritake variants), the standard connection logic follows this structure: ```yaml Pin 1: VCC (+5V) Pin 2: GND Pin 3: Level Selection / Reset Pin 4: Data/Command Selection (RS) Pin 5: Read/Write (R/W) Pin 6: Enable (E) Pin 7-14: Data Bus (DB0 - DB7) ``` --- ### 5. Application Advantages 1. **Wide Viewing Angle:** Unlike standard LCDs, VFDs can be read clearly from almost any angle. 2. **High Contrast:** The self-emissive nature of the phosphor provides a high contrast ratio. 3. **Temperature Resilience:** They perform better in extreme cold than liquid crystal displays, which can become sluggish or freeze. ---
    ✨ Follow-up Questions
    • ⤷What is the power consumption of the 48NDV-4BA-R compared to an LCD?
    • ⤷ Which manufacturers produce compatible replacements for this VFD module?
    • ⤷ How do I program custom characters for this display module?