Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48NDVD-2R-R

  • AI
    The **48NDVD-2R-R** is a specific part number typically associated with **Electromechanical Power Relays**, specifically within the automotive or heavy-duty industrial control sectors. Based on standard naming conventions for relay components, here is a breakdown of its technical characteristics. --- ### 1. Component Overview The device is a compact, high-current relay designed for Printed Circuit Board (PCB) mounting. It is primarily used to control high-power circuits using a low-power signal. | Feature | Specification | | :--- | :--- | | **Relay Type** | Electromechanical Power Relay | | **Coil Voltage** | 48V DC (Standard) | | **Contact Arrangement** | DPST (Double Pole Single Throw) or DPDT | | **Mounting Type** | Through-Hole (PCB) | | **Standard Load** | Typically 25A - 45A (depending on configuration) | --- ### 2. Part Number Deciphering While manufacturers (such as Fujitsu or Omron) have proprietary codes, the string **48NDVD-2R-R** generally breaks down as follows: * **48**: Represents the **Nominal Coil Voltage** (48 Volts DC). * **ND**: Often indicates the series or physical size/construction (Miniature Power). * **V/VD**: Indicates the contact material or sealing type (e.g., Plastic Sealed for wave soldering protection). * **2**: Usually denotes the number of poles (2 Poles). * **R-R**: Often signifies high-temperature resistance or specific RoHS compliance/packaging requirements. --- ### 3. Key Technical Features * **High Inrush Current:** Designed to handle significant spikes when starting motors or turning on high-intensity lamps. * **Compact Footprint:** Engineered for space-saving on dense PCB layouts. * **Isolation:** Provides high dielectric strength between the coil and the contact circuit to protect low-voltage control logic. * **Durability:** Rated for thousands of electrical cycles and millions of mechanical operations. --- ### 4. Common Applications Due to the 48V coil rating, this part is frequently found in: 1. **Telecommunications:** Power distribution units and switching equipment. 2. **Electric Vehicles (EVs):** Control circuits for 48V battery systems. 3. **Industrial Automation:** High-power PLC outputs for motor control. 4. **Renewable Energy:** Solar inverter management and battery storage switching. --- ### 5. Wiring Diagram Logic (Generic) ```text [COIL] [CONTACTS] (Pin 1) ---+ (Pin A) ---/ --- (Pin B) | (48VDC) (Load) (Pin 2) ---+ (Pin C) ---/ --- (Pin D) ```
    ✨ Follow-up Questions
    • ⤷What is the exact maximum current rating for the 48NDVD-2R-R?
    • ⤷ Are there 12V or 24V equivalents available for this specific series?
    • ⤷ What is the recommended footprint for soldering this relay to a PCB?