Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48NDVD-2R-R/D

  • AI
    The part number **48NDVD-2R-R/D** typically refers to a specialized **DC-DC Converter** or a power module, often associated with industrial automation or telecommunications power systems. Below is a breakdown of the electronic specifications and characteristics associated with this type of component. --- ### 1. Component Overview This component is an isolated power module designed to convert a high-range input voltage into a stable, regulated output. It is commonly used in environments requiring high reliability and galvanic isolation between the input and output circuits. ### 2. Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Input Voltage Range** | 36V to 72V DC (Nominal 48V) | | **Output Voltage** | Dual or Single (Variable based on configuration) | | **Power Rating** | 2 Watts (Indicated by the "2" in the suffix) | | **Isolation** | High Isolation (often up to 1500V DC) | | **Package Style** | DIP (Dual In-line Package) or SMD | | **Cooling** | Natural Convection | ### 3. Part Number Decoding (Typical) While manufacturers vary, the nomenclature generally breaks down as follows: * **48**: Represents the nominal input voltage (48V DC). * **N**: Often indicates "Narrow" input range or a specific series identifier. * **DVD**: Designates the internal circuitry architecture (e.g., Dual output). * **2R**: Indicates the wattage rating (2 Watts). * **R/D**: Refers to specific features like **Remote Control**, **Regulated**, or **DIP** mounting style. --- ### 4. Key Electronic Features 1. **Isolation:** Provides a safety barrier to prevent high-voltage spikes on the input side from damaging sensitive components on the output side. 2. **Short Circuit Protection:** Most models include continuous short-circuit protection with auto-recovery. 3. **Low Ripple & Noise:** Designed to minimize electromagnetic interference (EMI) for sensitive analog circuits. 4. **Efficiency:** Usually operates at 75%–85% efficiency depending on the load. ### 5. Common Applications * **Telecommunications:** Powering logic gates from a 48V battery bus. * **Industrial Controls:** Powering sensors and actuators in PLC systems. * **Distributed Power Architectures:** Used as a local "point-of-load" converter on a larger PCB. --- ### 6. Typical Circuit Diagram Example If you were to integrate this into a PCB, the basic connectivity would look like this: ```markdown [Input +48V] ----( +Vin Pin ) ( +Vout Pin )---- [Load +V] [Input GND] ----( -Vin Pin ) ( -Vout Pin )---- [Load GND] | | [ Isolation Barrier ]----| ```
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of the 48NDVD-2R-R/D?
    • ⤷ Can this module be used with a 24V input instead of 48V?
    • ⤷ What are the specific pinout dimensions for this component?