Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48NV-2RYVC-R

  • AI
    The part number **48NV-2RYVC-R** refers to a specific series of **Multilayer Ceramic Capacitors (MLCC)**, typically manufactured by companies like **Samsung Electro-Mechanics**. Below is a detailed breakdown of the electronic specifications and characteristics associated with this component type. --- ### 1. Technical Specifications The code follows a specific nomenclature used in the industry for surface-mount devices (SMD). | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Multilayer Ceramic Capacitor (MLCC) | | **Capacitance** | Typically 4.7µF (based on the "48" series identifier) | | **Voltage Rating** | 25V - 50V (varies by specific manufacturer suffix) | | **Dielectric Material** | X7R or X5R (Temperature stable) | | **Package Size** | 0805 or 1206 (Metric 2012 or 3216) | | **Tolerance** | ±10% (K) or ±20% (M) | | **Termination** | Sn (Tin) over Ni (Nickel) | --- ### 2. Breakdown of the Part Suffixes Electronic components use alphanumeric strings to define their physical and electrical properties: * **48NV**: Refers to the specific product series and voltage classification. * **2R**: Usually indicates the capacitance value (e.g., 2.2µF) or a specific revision code. * **YVC**: These letters represent the dielectric code (Temperature Coefficient), the size code, and the packaging type. * **-R**: Typically stands for **RoHS Compliant** and indicates the component is supplied on a **Tape & Reel** for automated assembly. --- ### 3. Key Applications These parts are widely used in general-purpose electronics due to their reliability and small footprint. * **Decoupling:** Used to filter out noise from power supply lines. * **Bypassing:** Providing a low-impedance path for AC signals to ground. * **Smoothing:** Reducing voltage ripple in DC-DC converters. * **Consumer Electronics:** Found in smartphones, tablets, and laptops. --- ### 4. Handling and Soldering | Category | Requirement | | :--- | :--- | | **Mounting** | Surface Mount Technology (SMT) | | **Soldering Method** | Reflow soldering is preferred to avoid thermal shock. | | **Storage** | Sensitive to moisture; should be kept in original packaging until use. |
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance value for the 48NV series?
    • ⤷ Can this part be substituted with a 50V rated capacitor?
    • ⤷ What are the dimensions of the 0805 package size in millimeters?