Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48SV2-GVCST-R

  • AI
    The **48SV2-GVCST-R** is a specific model number associated with **Industrial Vertical Multi-Stage Pumps**, typically manufactured by brands like **Goulds Water Technology** (a Xylem brand). While the pump itself is a mechanical assembly, the electronic and electromechanical components are critical for its operation, control, and protection. --- ### 1. Electronic & Electromechanical Components The "Electronic Parts" of this system generally refer to the motor, the control interface, and any integrated sensing technology. | Component | Description | Function | | :--- | :--- | :--- | | **Electric Motor** | High-efficiency AC Induction Motor (NEMA Premium). | Converts electrical energy into mechanical rotation to drive the pump shaft. | | **VFD (Optional)** | Variable Frequency Drive (often the *Hydrovar* or *e-SM* drive). | Controls motor speed by adjusting frequency, allowing for constant pressure control. | | **Pressure Transducer** | Electronic sensor (4-20mA or 0-10V signal). | Sends real-time pressure data to the controller to adjust pump output. | | **Thermal Overload** | Built-in thermistors or bimetallic strips. | Protects the motor from overheating by cutting power if internal temperatures spike. | | **Terminal Box** | Junction point for electrical wiring. | Houses the connections for power supply phases (L1, L2, L3) and ground. | --- ### 2. Technical Specifications (Electrical Focus) Based on the model nomenclature for the **e-SV Series**, here are the typical electrical characteristics for this class of equipment: * **Voltage Requirements:** Usually configured for 3-phase power (208-230/460V or 575V). * **Enclosure Rating:** Typically **TEFC** (Totally Enclosed Fan Cooled) with an **IP55** protection rating against dust and water. * **Insulation Class:** Class F insulation is standard to handle high operating temperatures. * **Control Logic:** If equipped with a smart controller, it utilizes PID loops to maintain system setpoints. --- ### 3. Key Electronic Features of the GVCST Variant The **"GVCST"** suffix in the model code often denotes specific material and configuration options: 1. **G:** Indicates the materials of construction (often Cast Iron/304SS). 2. **V:** Refers to the vertical orientation. 3. **CST:** Often relates to the coupling or mechanical seal type, but electrically, it implies compatibility with **Standard C-Face Motors**. 4. **R:** Typically indicates a reduced impeller or a specific hydraulic revision. --- ### 4. Wiring and Integration When installing the 48SV2, the following electronic integration steps are required: ```python # Conceptual logic for a Pump Controller (VFD/PLC) if current_pressure < setpoint: increase_motor_frequency(VFD_output) elif current_pressure > setpoint: decrease_motor_frequency(VFD_output) else: maintain_steady_state() ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements (Voltage/Phase) for the 48SV2 motor?
    • ⤷ How do I troubleshoot a 'Phase Loss' error on this pump's controller?
    • ⤷ Does this model support Modbus or BacNet communication for building automation?