Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48SV2-GVEST-R

  • AI
    The **48SV2-GVEST-R** is a specific variant of an industrial-grade **Solenoid Valve**, typically manufactured by brands like **CKD Corporation** or similar pneumatic component specialists. These valves are widely used in automated manufacturing for controlling the flow of air (pneumatics) or fluids. Below is a breakdown of its electronic and electromechanical specifications. --- ## 1. Technical Specifications The part number indicates a high-performance valve with specific electrical ratings. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Solenoid Valve (Pilot Operated) | | **Voltage Rating** | 24V DC (Standard for Industrial PLC control) | | **Power Consumption** | Approx. 0.6W to 1.0W (Low power energy-saving type) | | **Electrical Connection** | Plug-in Connector (G-Type) or Lead Wire | | **Response Time** | Fast switching (usually < 20ms) | | **Indicator** | LED Light and Surge Suppressor included | --- ## 2. Key Electronic Components ### A. The Solenoid Coil The core electronic part is the electromagnetic coil. When 24V DC is applied, it creates a magnetic field that moves a plunger to open or close the valve. * **Insulation Class:** Usually Class B or H for heat resistance. * **Duty Cycle:** Rated for 100% continuous duty (can stay energized indefinitely without overheating). ### B. Surge Suppressor (Varistor/Diode) The "R" in the suffix often denotes a **Surge Suppressor**. * **Function:** When the power to the solenoid is cut, the collapsing magnetic field creates a high-voltage spike (Back-EMF). * **Protection:** The internal diode or varistor clamps this voltage to protect the output transistors of the PLC (Programmable Logic Controller) from damage. ### C. LED Indicator Most modern versions include a small LED integrated into the housing. * **Visual Diagnostics:** Allows technicians to see immediately if the valve is receiving a control signal from the electronic control system. --- ## 3. Circuit Configuration The internal wiring typically follows this logic: ```mermaid graph LR A[PLC Output +24V] --> B[LED Indicator] B --> C[Solenoid Coil] C --> D[Surge Suppressor] D --> E[Common/Ground 0V] ``` --- ## 4. Application Context These parts are designed to interface with: 1. **PLCs:** Controlled via digital output modules (Sinking or Sourcing). 2. **Manifolds:** Often mounted on a multi-station block to reduce wiring complexity. 3. **Sensors:** Used in conjunction with reed switches or proximity sensors for closed-loop automation.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the G-type connector on this valve?
    • ⤷ Can this valve be operated with a 12V DC power supply instead of 24V?
    • ⤷ How does the 'GVEST' suffix affect the flow rate compared to standard models?