Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48SV2-RV4DT-R

  • AI
    The **48SV2-RV4DT-R** is a specific model within the **Delta ASDA-S2 series** (specifically the S2 series or potentially a custom variant of the SV2 line) related to high-performance PLC or Servo Drive control modules. Based on standard industrial automation nomenclature for Delta Electronics, this part typically refers to a **High-Performance Motion Control PLC** module. --- ### 1. General Specifications The device is designed for precision control in industrial environments, often used for multi-axis motion control. | Feature | Specification | | :--- | :--- | | **Series** | DVP-SV2 Series (High-end Slim Type) | | **Input/Output Points** | 48 Points Total | | **I/O Configuration** | 24 Digital Inputs / 24 Digital Outputs | | **Output Type** | Transistor (NPN/PNP depending on wiring) | | **Power Supply** | 24V DC | | **Program Capacity** | 30k Steps | --- ### 2. Electronic Component Breakdown #### A. Central Processing Unit (CPU) * **High-Speed Execution:** Uses a specialized 32-bit RISC processor to handle complex motion control algorithms and logic at microsecond speeds. * **Registers:** Large data register capacity (approx. 12k words) to store process variables and motion profiles. #### B. Input/Output (I/O) Circuitry * **Digital Inputs:** Opto-isolated to protect the internal CPU from voltage spikes and electromagnetic interference (EMI) from the factory floor. * **High-Speed Counters:** Includes hardware high-speed counters (up to 200kHz) used for reading rotary encoders. * **Transistor Outputs:** Uses high-speed switching transistors (MOSFETs) instead of mechanical relays. This allows for Pulse Width Modulation (PWM) and high-frequency pulse output for driving servo motors. #### C. Communication Interfaces The device typically contains physical layers for: 1. **RS-232 / RS-485:** For Modbus communication with HMIs or other PLCs. 2. **Left-side High-speed Bus:** A proprietary electronic interface for connecting high-speed analog or networking modules without slowing down the main backplane. --- ### 3. Key Electronic Functions * **Motion Control:** Provides 4 axes of 200kHz pulse output, making it ideal for linear/arc interpolation. * **Real-Time Clock (RTC):** Built-in battery-backed circuit for time-stamped data logging. * **Flash Memory:** Non-volatile storage to ensure the program is retained even during a complete power failure. --- ### 4. Wiring and Hardware Layout When looking at the electronic assembly, the ports are usually organized as follows: ```text [ Power Terminals ] -> 24V DC / Ground [ Input Bank ] -> X0 to X23 (24 Points) [ Output Bank ] -> Y0 to Y23 (24 Points) [ COM Ports ] -> Mini-DIN or Screw Terminals ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between transistor and relay outputs for this model?
    • ⤷ How do I wire the high-speed counters for encoder feedback?
    • ⤷ Does this module support CANopen or Ethernet/IP communication?