Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48SV2-RV4WDT-R

  • AI
    The part number **48SV2-RV4WDT-R** refers to a high-performance **Brushless DC (BLDC) Motor Driver/Fan Controller**, typically produced by manufacturers like Delta Electronics or specialized industrial component suppliers. This specific configuration is commonly found in high-end server cooling solutions and industrial ventilation systems. --- ### 1. Technical Specifications Breakdown The alphanumeric code represents the following internal specifications: | Feature | Specification | Description | | :--- | :--- | :--- | | **Voltage Rating** | 48V DC | Designed for telecommunications and server rack standards. | | **Control Interface** | PWM / VSC | Pulse Width Modulation for precise speed control. | | **Bearing Type** | Dual Ball Bearing | Ensures long-term reliability and MTBF (Mean Time Between Failures). | | **Protection** | Locked Rotor / Polarity | Protects the internal circuitry if the fan is physically obstructed. | | **Output Type** | Tacho (Frequency Generator) | Provides feedback to the system about the actual RPM. | --- ### 2. Key Internal Electronic Components The "RV4WDT" suffix indicates a specific integration of electronics within the fan's hub: * **Integrated Power MOSFETs:** These act as electronic switches to commute the phases of the BLDC motor. * **Hall Effect Sensors:** Used to detect the position of the permanent magnet rotor to ensure smooth electrical commutation. * **PWM Controller IC:** Interprets the incoming duty cycle signal from the motherboard/PLC to adjust the motor speed. * **EMI Filter:** Includes capacitors and inductors to reduce electromagnetic interference generated by high-frequency switching. --- ### 3. Wiring Configuration Most units under this series utilize a **4-Wire** interface: 1. **Red (+):** Positive Power Supply (48V). 2. **Black (-):** Ground (0V). 3. **Yellow/White (Tacho):** Output signal used to monitor speed (2 pulses per revolution typically). 4. **Blue (PWM):** Input signal to control the speed from 0% to 100% duty cycle. --- ### 4. Application Use Cases * **Data Centers:** High-density server cooling where 48V power rails are standard. * **Networking Equipment:** High-static pressure cooling for routers and switches. * **Industrial Inverters:** Dissipating heat from high-power electronic conversion modules.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM and Airflow rating for this specific model?
    • ⤷ Can this 48V motor be operated safely at 24V with reduced performance?
    • ⤷ What are the common failure modes for the RV4WDT series electronics?