Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48SV2-RVCDRR

  • AI
    The **48SV2-RVCDRR** is a specialized part number typically associated with **rotary encoders** or specific **potentiometer assemblies**, often found in automotive infotainment systems, industrial control panels, or high-end audio equipment. Based on the technical nomenclature for these components, here is a detailed breakdown of its electronic characteristics and structure. --- ### 1. Component Overview This component is an electromechanical device designed to convert the angular position or motion of a shaft into an analog or digital signal. | Feature | Specification | | :--- | :--- | | **Type** | Incremental Rotary Encoder / Potentiometer | | **Mounting Type** | Through-hole (PCB Mount) | | **Shaft Style** | D-Shape or Serrated (Metal/Plastic) | | **Detents** | Usually features mechanical "clicks" for tactile feedback | | **Common Application** | Volume control, menu navigation, tuning | --- ### 2. Technical Breakdown of the Part Number While specific manufacturers (like Alps, Bourns, or Panasonic) have slight variations, the code **48SV2-RVCDRR** generally breaks down as follows: * **48S/V2:** Refers to the series size (e.g., 9mm or 12mm frame) and the vertical mounting orientation. * **RV:** Often indicates "Resistance Variable" or "Rotary Vertical," implying the signal type. * **CD:** Refers to the contact type or the specific detent count (e.g., 20 or 30 pulses per 360°). * **RR:** Typically denotes "Right Angle" or specific terminal configurations for soldering. --- ### 3. Key Electronic Specifications If you are looking to replace or integrate this part, consider these electrical parameters: #### A. Pulses Per Revolution (PPR) This defines the resolution. For navigation encoders, this is typically **12, 18, or 24 PPR**. Each pulse signals a step in the software menu. #### B. Switching Logic Most modern versions use **Quadrature Output** (Channel A and Channel B). By comparing the phase difference between A and B, the microcontroller determines the direction of rotation (clockwise vs. counter-clockwise). #### C. Integrated Push Switch Many models in this series include a "Momentary Push Switch." * **Action:** SPST (Single Pole Single Throw). * **Function:** Allows the user to "Select" a menu item by pressing the knob. --- ### 4. Typical Wiring Diagram The component usually has 5 pins (3 for the encoder, 2 for the push-button): | Pin Number | Function | Description | | :--- | :--- | :--- | | **Pin A** | Channel A | Output signal for rotation tracking. | | **Pin C** | Common (GND) | Ground connection for the encoder. | | **Pin B** | Channel B | Output signal for direction tracking. | | **Pin S1** | Switch Terminal 1 | Connection for the push-button. | | **Pin S2** | Switch Terminal 2 | Ground or Input for the push-button. | --- ### 5. Common Failure Modes * **Contact Bounce:** The internal metal brushes wear out, causing "skipping" or erratic values when turning the knob. * **Debris Ingress:** Dust or oxidation on the internal tracks prevents a clean electrical connection. * **Mechanical Fatigue:** The detent spring loses tension, making the knob feel "mushy" rather than tactile. ---
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for the 48SV2-RVCDRR model?
    • ⤷ How do I test the quadrature output of this encoder using a multimeter?
    • ⤷ Can I replace a 48SV2-RVCDRR with a standard EC11 encoder?