Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 48V-2YV3-R

  • AI
    Based on technical naming conventions for power supplies and industrial components, the model **48V-2YV3-R** typically refers to a specialized **DC-DC Converter** or an **Industrial Power Supply Module**. Below is a breakdown of the electronic components and technical specifications associated with this type of unit. --- ## 1. Component Identification & Specifications This part is generally categorized as a high-efficiency voltage regulator or power module designed for telecommunications or industrial automation. | Feature | Specification (Typical) | Function | | :--- | :--- | :--- | | **Input Voltage** | 36V - 75V DC | Wide range DC input (Standard 48V Bus) | | **Output Voltage** | 2.0V - 3.3V (Adjustable) | Low voltage for logic circuits/CPUs | | **Form Factor** | Brick (Half/Quarter/Full) | Standardized footprint for PCB mounting | | **Efficiency** | 88% - 94% | Minimizes heat dissipation | | **Cooling** | Conduction/Convection | Often requires a heatsink or airflow | --- ## 2. Key Internal Electronic Parts The module consists of several critical sub-components that manage power conversion: ### A. Power Semiconductors * **MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors):** Used as the primary switches in the buck converter topology to step down the 48V input. * **Schottky Rectifiers:** Used for high-speed switching and low forward voltage drop to improve efficiency. ### B. Magnetics * **Power Inductor:** Stores energy during the switching cycle to provide a smooth output current. * **Isolation Transformer:** If the unit is "Isolated," this provides galvanic separation between the 48V input and the low-voltage output. ### C. Filtering and Passive Components * **Ceramic Capacitors (MLCC):** Filter high-frequency noise at the input and output. * **Electrolytic Capacitors:** Provide bulk energy storage to handle load transients. * **Shunt Resistor:** Used for current sensing to protect against over-current (OCP) scenarios. ### D. Control Circuitry * **PWM Controller IC:** The "brain" that regulates the duty cycle of the MOSFETs to maintain a constant output voltage despite input fluctuations. * **Optocoupler:** (In isolated versions) Sends feedback signals from the output side back to the input controller while maintaining electrical isolation. --- ## 3. Part Number Suffix Breakdown * **48V:** Indicates the nominal input voltage. * **2YV3:** Refers to the output characteristics (likely 2.0V to 3.3V variable or multi-rail). * **-R:** Generally signifies **RoHS Compliance** (Restriction of Hazardous Substances), meaning the part is lead-free. --- ## 4. Safety and Protection Features Electronic modules of this class usually include built-in protection logic: 1. **OTP (Over Temperature Protection):** Shuts down the unit if internal thermistors detect excessive heat. 2. **OVP (Over Voltage Protection):** Prevents damage to downstream components if the regulation loop fails. 3. **UVLO (Under Voltage Lockout):** Ensures the device does not attempt to operate if the 48V input drops below a stable threshold (e.g., <36V).
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the 48V-2YV3-R module?
    • ⤷ How do I calculate the heat dissipation requirements for this part?
    • ⤷ Are there specific mounting footprints like Half-Brick or Quarter-Brick for this model?