Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 4D1-R1

  • AI
    The **4D1-R1** refers to a specific type of **Diode Bridge Rectifier** (often found in discrete bridge packages or surface-mount modules). It is a fundamental electronic component used to convert Alternating Current (AC) into Direct Current (DC). --- ### 1. Technical Specifications The "4D1" designation typically corresponds to specific voltage and current ratings. Below is a general specification profile for this component class: | Feature | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | Full-Wave Bridge Rectifier | Semiconductor | | **Forward Current ($I_F$)** | Average rectified current | 1.0A to 4.0A | | **Peak Reverse Voltage ($V_{RRM}$)** | Max voltage it can block | 100V | | **Configuration** | 4-Pin Package | AC (~), AC (~), (+), (-) | | **Forward Voltage Drop ($V_F$)** | Energy lost during conduction | ~1.1V per diode | --- ### 2. Internal Construction The 4D1-R1 contains **four silicon diodes** arranged in a "bridge" configuration. This allows both halves of the AC cycle to be utilized, providing a more efficient DC output than a single diode (half-wave) rectifier. #### Circuit Schematic Representation: ```text AC (Line) | +----|----+ | | | [D1] [D2] | | | |--- DC (+) Output [D3] [D4] | | | |--- DC (-) Output +----|----+ | AC (Neutral) ``` --- ### 3. Pinout and Installation The device usually features four leads or pads marked clearly on the casing: 1. **AC Input (~):** Two pins where the transformer output or wall power (after step-down) enters. 2. **Positive Output (+):** The rectified positive terminal. 3. **Negative Output (-):** The rectified ground/negative terminal. --- ### 4. Common Applications * **Power Supplies:** Converting 110V/220V AC into DC for electronic devices. * **Battery Chargers:** Providing steady DC current to charge lead-acid or Li-ion batteries. * **LED Drivers:** Converting mains power to DC to drive LED arrays. * **Adapters:** Small "wall-wart" style power bricks. ### 5. Essential Design Considerations * **Heat Dissipation:** If running at the full 4A rating, the bridge can get hot. Ensure proper airflow or a small heatsink if the package supports it. * **Voltage Headroom:** Always ensure the $V_{RRM}$ (100V for the 4D1) is at least 1.5x higher than your peak input voltage to prevent breakdown. * **Filtering:** The output of the 4D1-R1 is "pulsating DC." To get smooth DC, you must add a **Filter Capacitor** across the (+) and (-) output pins. ---
    ✨ Follow-up Questions
    • ⤷How do I calculate the capacitor size needed for a 4D1-R1 bridge?
    • ⤷ What is the difference between the 4D1 and the 4D4 model?
    • ⤷ Can I use four 1N4001 diodes to replace a 4D1-R1?