Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 4DT-R

  • AI
    The **4DT-R** is a specialized electronic device, commonly identified as a **high-precision, 4-digit digital display timer/relay module**. It is used extensively in industrial automation for controlling the timing of electrical loads. Below is an explanation of its core electronic parts, technical specifications, and internal logic. --- ### 1. Main Electronic Components The 4DT-R consists of several critical layers of circuitry that allow it to function as a programmable switch. | Component Group | Specific Parts | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Embedded 8-bit or 32-bit CPU | The "brain" that counts time intervals and processes logic inputs. | | **Display Unit** | 7-Segment LED (4 Digits) | Provides visual feedback of the current time value or parameter settings. | | **Output Stage** | Electromechanical Relay | The physical switch that opens/closes the external circuit. | | **User Interface** | Tactile Push Buttons | Used for setting the time range, mode (On-Delay/Off-Delay), and values. | | **Power Regulation** | Bridge Rectifiers & Regulators | Converts input AC/DC voltage to stable 5V or 12V for the internal CPU. | --- ### 2. Technical Specifications Most 4DT-R modules share the following electrical characteristics: * **Supply Voltage:** Typically 100-240V AC or 12-24V DC (depending on the specific model variation). * **Time Range:** Programmable from 0.01 seconds up to 9999 hours. * **Contact Rating:** Usually rated for **5A to 10A at 250V AC**. * **Power Consumption:** Very low, typically < 3W. --- ### 3. Electronic Logic & Operation The 4DT-R operates based on a **trigger-logic system**. Its electronic behavior can be summarized in three steps: 1. **Input Sensing:** The device monitors an input signal (via terminals). This can be a continuous power signal or a momentary pulse. 2. **Timing Execution:** Once triggered, the MCU begins a countdown (or count-up) based on the crystal oscillator's frequency for high precision. 3. **Relay Actuation:** When the setpoint is reached, the MCU sends a low-voltage signal to a transistor, which energizes the relay coil, switching the internal "Common" (COM) contact from "Normally Closed" (NC) to "Normally Open" (NO). --- ### 4. Wiring Diagram (Logic Layout) Typically, the back of the device features a standardized pinout: ```text Pin 1-2: Power Supply Input (VCC/GND or L/N) Pin 3: Common (COM) Terminal Pin 4: Normally Closed (NC) Pin 5: Normally Open (NO) Pin 6-7: External Reset or Gate Trigger (Optional) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the different timing modes (e.g.
    • ⤷ On-Delay vs Off-Delay) available on the 4DT-R?
    • ⤷ How do you calibrate the 4DT-R if the time interval seems inaccurate?
    • ⤷ Can the 4DT-R relay handle inductive loads like motors without a snubber circuit?