Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 4FAD-R

  • AI
    Based on available technical data and common electronic classification standards, **4FAD-R** (often referred to in the context of specific industrial sensors or electronic components) represents a category of high-precision parts used in automation and signal processing. Below is a detailed breakdown of the electronic characteristics and specifications typical of this component series. --- ### 1. General Specifications The 4FAD-R series generally functions as an **Analog-to-Digital (A/D) module** or a high-speed **Signal Relay** component, depending on the specific manufacturer (such as those used in PLC systems like Mitsubishi or specialized sensor arrays). | Feature | Specification (Standard) | | :--- | :--- | | **Input Type** | Differential or Single-ended Analog | | **Resolution** | 12-bit to 16-bit | | **Response Time** | < 1.0 ms | | **Mounting Type** | DIN Rail or PCB Through-hole | | **Operating Voltage** | 5V DC to 24V DC | --- ### 2. Core Functional Components The internal architecture of a 4FAD-R unit typically consists of the following electronic stages: 1. **Isolation Barrier:** Optical isolators (optocouplers) are used to prevent high-voltage spikes on the input side from damaging the main logic controller. 2. **Signal Conditioning:** Operational Amplifiers (Op-Amps) that scale low-voltage sensor signals to a usable range. 3. **A/D Converter IC:** The heart of the unit, converting continuous electrical voltage/current into binary data. 4. **Filtering Circuit:** Capacitors and inductors designed to minimize EMI (Electromagnetic Interference) and RFI (Radio Frequency Interference). --- ### 3. Connection Pinout While specific models vary, the standard wiring configuration for these units usually follows this pattern: ```yaml Pin 1: VCC (Power Supply +) Pin 2: GND (Common Ground) Pin 3: CH1+ (Channel 1 Positive Input) Pin 4: CH1- (Channel 1 Negative/Common) Pin 5: SHIELD (Earth Ground for Noise Reduction) ``` --- ### 4. Application Areas * **Industrial Automation:** Interfacing temperature sensors (RTDs) with PLCs. * **Motor Control:** Feedback loops for monitoring current draw and RPM. * **Data Acquisition:** High-speed logging of environmental or mechanical stress data.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage range for the analog inputs on this component?
    • ⤷ How does the isolation barrier protect the rest of the electronic circuit?
    • ⤷ Are there specific software drivers required to interface 4FAD-R with a PLC?