Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 4N22N-R

  • AI
    The **4N22N-R** is an **Optocoupler (or Opto-isolator)** with a Phototransistor output, typically housed in a surface-mount package. It is designed to transfer electrical signals between two isolated circuits using light, providing high-voltage isolation to protect sensitive components. --- ### 1. Key Technical Specifications The performance of the 4N22N-R is defined by its ability to isolate input from output while maintaining signal integrity. | Parameter | Typical Value | | :--- | :--- | | **Input Type** | Infrared LED | | **Output Type** | NPN Phototransistor | | **Isolation Voltage** | 1500V - 2500V RMS (Standard range) | | **Current Transfer Ratio (CTR)** | 25% - 100% (at $I_F = 10mA$) | | **Max Forward Current ($I_F$)** | 50mA - 60mA | | **Collector-Emitter Voltage ($V_{CEO}$)** | 35V - 40V | | **Package Type** | Solder Reflow Compatible (R-Suffix usually denotes Reel) | --- ### 2. Internal Components An optocoupler consists of two primary parts inside a single light-tight housing: 1. **The Transmitter (Input Side):** An Infrared Light Emitting Diode (IR LED). When current flows through this side, it emits infrared light. 2. **The Receiver (Output Side):** A photosensitive NPN transistor. When it detects the light from the LED, it allows current to flow through the collector and emitter pins. --- ### 3. Pinout Configuration While pinouts can vary slightly by manufacturer, the standard 4N22/4N25 series usually follows this 6-pin logic: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Anode | Positive terminal of the IR LED | | **2** | Cathode | Negative terminal of the IR LED | | **3** | NC | No internal connection | | **4** | Emitter | Emitter of the Phototransistor | | **5** | Collector | Collector of the Phototransistor | | **6** | Base | Base of the Phototransistor (often left floating) | --- ### 4. Typical Applications * **Microprocessor I/O Isolation:** Protecting a microcontroller (like an Arduino or ESP32) from high-voltage DC motors or relays. * **Switching Power Supplies:** Providing feedback from the output side to the input side while maintaining galvanic isolation. * **Noise Suppression:** Eliminating ground loops in communication lines. --- ### 5. Implementation Example To use the 4N22N-R, you must calculate the current limiting resistor ($R_1$) for the LED side. ```cpp // Logic Example: Controlling a 24V Load with a 5V Signal // Formula for Input Resistor: R = (V_signal - V_forward) / I_forward // Typical Values: // V_signal = 5V // V_forward = 1.2V // I_forward = 10mA (0.01A) // Result: (5 - 1.2) / 0.01 = 380 Ohms (Standard 330 or 470 Ohm resistor) ```
    ✨ Follow-up Questions
    • ⤷ How do I calculate the Current Transfer Ratio (CTR) for my specific circuit?
    • ⤷ What is the difference between the 4N22 and the 4N25 models?
    • ⤷ Can the 4N22N-R be used for high-speed data transmission?