Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 4N65-R

  • AI
    The **4N65-R** is a high-voltage N-channel enhancement mode Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is widely used in power conversion circuits due to its ability to handle high voltages while maintaining low resistance. --- ### 1. Key Specifications Below are the typical electrical characteristics for the 4N65-R MOSFET: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 650 V | | **Continuous Drain Current** | $I_D$ | 4.0 A (at $25^\circ C$) | | **Pulsed Drain Current** | $I_{DM}$ | 16 A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 2.5 $\Omega$ (Max) | | **Gate-Source Voltage** | $V_{GSS}$ | $\pm 30$ V | | **Total Gate Charge** | $Q_g$ | 15 - 20 nC | --- ### 2. Functional Description The "4N65" nomenclature generally follows a standard industry naming convention: * **4**: Represents the approximate current rating (4 Amperes). * **N**: Indicates it is an **N-Channel** device. * **65**: Represents the voltage rating (650 Volts). * **-R**: Usually signifies a specific packaging variant or compliance (such as **RoHS** compliant or Tape & Reel packaging). ### 3. Pin Configuration The device is most commonly found in **TO-220** or **TO-220F** (insulated) packages. 1. **Gate (G):** Controls the biasing of the MOSFET (on/off). 2. **Drain (D):** Connected to the high-voltage load. 3. **Source (S):** Connected to the ground or common return. --- ### 4. Major Features * **Low Gate Charge:** Allows for faster switching speeds and reduced drive power requirements. * **High Speed Switching:** Ideal for high-frequency pulse width modulation (PWM). * **100% Avalanche Tested:** Ensures reliability against voltage spikes and inductive kicks. * **Improved dv/dt Capability:** Better resistance against rapid voltage changes that could cause false triggering. --- ### 5. Common Applications The 4N65-R is primarily used in power management and switching environments: * **Switch Mode Power Supplies (SMPS):** Used as the primary switching element. * **Adapter/Chargers:** Used in laptop bricks and mobile phone chargers. * **LED Drivers:** Used to regulate current in high-voltage LED lighting strings. * **DC-DC Converters:** Facilitates voltage step-down or step-up functions. --- ### 6. Typical Circuit Implementation ```cpp // Logic Diagram for Gate Drive [PWM Controller] ---> [Resistor (10-47 Ohm)] ---> [Gate of 4N65-R] | [Drain] -> [Transformer/Load] | [Source] -> [Current Sense Resistor] -> GND ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between the TO-220 and TO-220F versions of the 4N65?
    • ⤷ How do I calculate the heat dissipation requirements for this MOSFET?
    • ⤷ Can I replace a 4N65 with a 7N65 in a power supply circuit?