Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 4NETR

  • AI
    It appears you are referring to the **4NTR** (often stylized as 4N-TR), which is a common nomenclature for a specific series of **Optocouplers** (also known as Opto-isolators) used in electronic circuits. Below is a breakdown of the parts, functions, and technical specifications of this component. --- ### 1. What is an Optocoupler? An optocoupler is a component that transfers electrical signals between two isolated circuits by using light. This prevents high voltages from affecting the system receiving the signal. ### 2. Internal Components of the 4NTR Series The "4N" series typically consists of two primary internal parts housed in a single package (usually a DIP-6 or SMD-6): | Component | Part Type | Function | | :--- | :--- | :--- | | **Input Side** | Infrared LED | Converts the incoming electrical signal into light. | | **Output Side** | Phototransistor | Detects the light and converts it back into an electrical current. | | **Insulation** | Dielectric Silicone/Glass | Ensures no physical electrical connection between input and output. | --- ### 3. Key Specifications While specific models (like 4N25, 4N35) vary slightly, the general 4NTR family shares these characteristics: | Feature | Typical Value | | :--- | :--- | | **Isolation Voltage** | 2500V to 5000V RMS | | **CTR (Current Transfer Ratio)** | 20% to 100% | | **Package Style** | DIP-6 (Through-hole) or SOP-6 (Surface mount) | | **Forward Current (LED)** | 10mA - 60mA | | **Collector-Emitter Voltage** | 30V - 70V | --- ### 4. Common Pinout (6-Pin Configuration) The 4NTR series usually follows a standard 6-pin layout: 1. **Pin 1:** Anode (LED Input +) 2. **Pin 2:** Cathode (LED Input -) 3. **Pin 3:** No Connection (NC) 4. **Pin 4:** Emitter (Phototransistor) 5. **Pin 5:** Collector (Phototransistor) 6. **Pin 6:** Base (Phototransistor - used for biasing, often left disconnected) --- ### 5. Applications * **Microprocessor I/O Isolation:** Protecting an Arduino or Raspberry Pi from high-voltage motors or relays. * **Switch Mode Power Supplies (SMPS):** Providing feedback from the output side to the control side while maintaining safety isolation. * **Ground Loop Elimination:** Preventing noise in audio or data signals caused by differing ground potentials. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 4N25 and 4N35 models?
    • ⤷ How do I calculate the resistor value for the input LED?
    • ⤷ Can an optocoupler be used for high-speed data transmission?