Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 4P3-R

  • AI
    The **4P3-R** (often associated with the **4P3-R2** series) typically refers to a specific type of **Precision Power Resistor Network** or a **Thick Film Chip Resistor Array**. These components are designed to integrate multiple resistors into a single package to save space on a Printed Circuit Board (PCB). --- ### 1. Technical Specifications The "4P3" designation generally indicates the package structure: **4** resistors isolated within a single package with **8** terminals (pins). | Feature | Description | | :--- | :--- | | **Component Type** | Thick Film Chip Resistor Array | | **Circuit Type** | Isolated (4 independent resistors) | | **Number of Resistors** | 4 Resistors | | **Number of Pins** | 8 Pins | | **Tolerance** | Usually ±1% or ±5% | | **Power Rating** | Typically 0.063W (1/16W) per element | | **Package Style** | Convex or Concave terminations (0603 or 1206 footprint) | --- ### 2. Internal Circuit Diagram In a 4P3-R configuration, the resistors are not connected to each other internally. Each resistor has its own input and output pin. ```text Pin 8 Pin 7 Pin 6 Pin 5 | | | | [R4] [R3] [R2] [R1] | | | | Pin 1 Pin 2 Pin 3 Pin 4 ``` --- ### 3. Key Applications Because these parts offer high density and precise matching, they are used in: * **Pull-up/Pull-down Resistors:** Common in digital logic circuits to define signal levels. * **LED Current Limiting:** Used to drive multiple LEDs simultaneously with a compact footprint. * **Bus Termination:** Used in data lines (like I2C or SPI) to minimize signal reflection. * **Voltage Dividers:** Where multiple ratios are needed in a small area. --- ### 4. Advantages * **Space Saving:** Replaces four individual 0402 or 0603 resistors, reducing the PCB area by up to 50%. * **Cost Reduction:** Fewer components mean faster pick-and-place assembly and lower inventory management costs. * **Reliability:** Reduced solder joints compared to discrete components can improve long-term thermal stability. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between convex and concave terminations in 4P3 resistor arrays?
    • ⤷ How do I interpret the resistance code printed on the top of the 4P3-R package?
    • ⤷ What are the power derating curves for these resistor networks at high temperatures?