Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 4RL-R

  • AI
    The code **4RL-R** typically refers to a specific type of **Power Inductor** (Surface Mount Device - SMD). These components are essential in power management circuits for filtering and energy storage. --- ### 1. Component Overview The "4RL" series is generally associated with high-current, shielded power inductors. They are designed to handle significant direct current (DC) without saturating the magnetic core. | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Construction** | Ferrite Core with Copper Winding | | **Shielding** | Magnetically Shielded (prevents EMI/Interference) | | **Common Use** | DC-DC Converters, Voltage Regulator Modules (VRM) | --- ### 2. Key Specifications While exact values depend on the specific manufacturer (such as Sumida, Chilisin, or Bourns), the general characteristics of a 4RL-R series part are: 1. **Inductance Range:** Usually ranges from **1.0µH to 47µH**. 2. **Tolerance:** Often ±20% (denoted by 'M'). 3. **DCR (DC Resistance):** Low resistance to minimize heat loss and maximize efficiency. 4. **Saturation Current ($I_{sat}$):** The point where inductance drops; these parts are designed for high saturation thresholds. 5. **Operating Temperature:** Typically rated from **-40°C to +125°C**. --- ### 3. Deciphering the Part Number (General Logic) In electronic nomenclature, the suffix and prefix often provide metadata: * **4RL:** The series designator (defines physical size and core material). * **-R:** Often signifies **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging. --- ### 4. Applications These inductors are found in high-density electronic assemblies where space is limited but power demands are high: * **Laptops/Tablets:** Powering CPUs and GPUs. * **LED Drivers:** Smoothing current for high-brightness lighting. * **Automotive:** Infotainment systems and sensor modules. * **Power Supplies:** Buck, Boost, and Buck-Boost converters. ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the 4RL-R series package?
    • ⤷ How does magnetic shielding affect the performance of this inductor?
    • ⤷ Can you explain the difference between Rated Current and Saturation Current for this part?